| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
PIC12CE673-04E/P Datasheet(PDF) 1 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
PIC12CE673-04E/P Datasheet(HTML) 1 Page - Microchip Technology |
|
1 / 129 page ![]() © 1999 Microchip Technology Inc. DS30561B-page 1 Devices Included in this Data Sheet: • PIC12C671 • PIC12C672 •PIC12CE673 •PIC12CE674 High-Performance RISC CPU: • Only 35 single word instructions to learn • All instructions are single cycle (400 ns) except for program branches which are two-cycle • Operating speed: DC - 10 MHz clock input DC - 400 ns instruction cycle • 14-bit wide instructions • 8-bit wide data path • Interrupt capability • Special function hardware registers • 8-level deep hardware stack • Direct, indirect and relative addressing modes for data and instructions Peripheral Features: • Four-channel, 8-bit A/D converter • 8-bit real time clock/counter (TMR0) with 8-bit programmable prescaler • 1,000,000 erase/write cycle EEPROM data memory • EEPROM data retention > 40 years Note: Throughout this data sheet PIC12C67X refers to the PIC12C671, PIC12C672, PIC12CE673 and PIC12CE674. PIC12CE67X refers to PIC12CE673 and PIC12CE674. Device Memory Program Data RAM Data EEPROM PIC12C671 1024 x 14 128 x 8 — PIC12C672 2048 x 14 128 x 8 — PIC12CE673 1024 x 14 128 x 8 16 x 8 PIC12CE674 2048 x 14 128 x 8 16 x 8 Pin Diagrams: Special Microcontroller Features: • In-Circuit Serial Programming (ICSP™) • Internal 4 MHz oscillator with programmable calibration • Selectable clockout • Power-on Reset (POR) • Power-up Timer (PWRT) and Oscillator Start-up Timer (OST) • Watchdog Timer (WDT) with its own on-chip RC oscillator for reliable operation • Programmable code protection • Power saving SLEEP mode • Interrupt-on-pin change (GP0, GP1, GP3) • Internal pull-ups on I/O pins (GP0, GP1, GP3) • Internal pull-up on MCLR pin • Selectable oscillator options: - INTRC: Precision internal 4 MHz oscillator - EXTRC: External low-cost RC oscillator - XT: Standard crystal/resonator - HS: High speed crystal/resonator - LP: Power saving, low frequency crystal CMOS Technology: • Low-power, high-speed CMOS EPROM/EEPROM technology • Fully static design • Wide operating voltage range 2.5V to 5.5V • Commercial, Industrial and Extended temperature ranges • Low power consumption < 2 mA @ 5V, 4 MHz 15 µA typical @ 3V, 32 kHz < 1 µA typical standby current PDIP, SOIC, Windowed CERDIP 8 7 6 5 1 2 3 4 VSS GP0/AN0 GP1/AN1/VREF GP2/T0CKI/AN2/ INT PDIP, Windowed CERDIP 8 7 6 5 1 2 3 4 VSS GP0/AN0 GP1/AN1/VREF GP2/T0CKI/AN2/ INT VDD GP5/OSC1/CLKIN GP4/OSC2/AN3/ CLKOUT GP3/MCLR/VPP VDD GP5/OSC1/CLKIN GP4/OSC2/AN3/ CLKOUT GP3/MCLR/VPP 8-Pin, 8-Bit CMOS Microcontroller with A/D Converter and EEPROM Data Memory PIC12C67X |
Número de pieza similar - PIC12CE673-04E/P |
|
Descripción similar - PIC12CE673-04E/P |