Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MSK2541 Datasheet(PDF) 1 Page - Anaren Microwave

No. de pieza MSK2541
Descripción Electrónicos  DUAL HIGH POWER OP-AMP
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ANAREN [Anaren Microwave]
Página de inicio  http://www.anaren.com
Logo ANAREN - Anaren Microwave

MSK2541 Datasheet(HTML) 1 Page - Anaren Microwave

  MSK2541 Datasheet HTML 1Page - Anaren Microwave MSK2541 Datasheet HTML 2Page - Anaren Microwave MSK2541 Datasheet HTML 3Page - Anaren Microwave MSK2541 Datasheet HTML 4Page - Anaren Microwave MSK2541 Datasheet HTML 5Page - Anaren Microwave MSK2541 Datasheet HTML 6Page - Anaren Microwave MSK2541 Datasheet HTML 7Page - Anaren Microwave  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
FEATURES:
• Available as SMD #5962-9083801 HX and 5962-9083803HX
• High Output Current - 10 Amps Peak
• Wide Power Supply Range - ±10V to ±40V
• On Board Current Limit
• FET Input
• Isolated Case
• Second Source for OMA 2541SKB
DESCRIPTION:
The MSK2541 is a high power dual monolithic amplifier ideally suited for high power amplification and magnetic deflection
applications. This amplifier is capable of operation at a supply voltage rating of 80 volts and can deliver guaranteed continuous
output currents up to 5A per amplifier. The MSK2541 has internal current limit circuitry to protect the amplifier and load from
transients. The MSK2541 is available in a hermetically sealed 8 pin TO3 package that is isolated from internal circuitry. This
allows for convenient bolt down heat sinking when necessary.
1
DUAL HIGH POWER
OP-AMP
MIL-PRF-38534 AND 38535 CERTIFIED FACILITY
2541
1 Output B
2 Positive Power Supply
3 Non-Inverting Input A
4 Inverting Input A
8 Inverting Input B
7 Non-Inverting Input B
6 Negative Power Supply
5 Output A
• Servo Amplifer
• Motor Driver
• Audio Amplifier
• Programmable Power Supply
• Bridge Amplifier
EQUIVALENT SCHEMATIC
TYPICAL APPLICATIONS
PIN-OUT INFORMATION
8548-128 Rev. J 9/17


Número de pieza similar - MSK2541

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
M.S. Kennedy Corporatio...
MSK2541 MSK-MSK2541 Datasheet
327Kb / 6P
DUAL HIGH POWER OP-AMP
MSK2541B MSK-MSK2541B Datasheet
327Kb / 6P
DUAL HIGH POWER OP-AMP
MSK2541 MSK-MSK2541_15 Datasheet
191Kb / 7P
High Output Current - 10 Amps Peak
More results

Descripción similar - MSK2541

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
AD827 AD-AD827 Datasheet
336Kb / 8P
High Speed, Low Power Dual Op Amp
REV.B
logo
AUK corp
S358P AUK-S358P Datasheet
217Kb / 3P
Low Power Dual OP AMP
logo
M.S. Kennedy Corporatio...
MSK2541 MSK-MSK2541 Datasheet
327Kb / 6P
DUAL HIGH POWER OP-AMP
logo
AUK corp
S358 AUK-S358_1 Datasheet
212Kb / 4P
Low Power Dual OP AMP
S358P AUK-S358P_1 Datasheet
213Kb / 4P
Low Power Dual OP AMP
logo
Analog Devices
AD827 AD-AD827_02 Datasheet
214Kb / 12P
High Speed, Low Power Dual Op Amp
REV. C
AD827JNZ AD-AD827JNZ Datasheet
228Kb / 12P
High Speed, Low Power Dual Op Amp
REV. C
AD827JR-16 AD-AD827JR-16 Datasheet
228Kb / 12P
High Speed, Low Power Dual Op Amp
REV. C
AD827 AD-AD827_15 Datasheet
228Kb / 12P
High Speed, Low Power Dual Op Amp
REV. C
AD827 AD-AD827_17 Datasheet
247Kb / 13P
High Speed, Low Power Dual Op Amp
29-Nov-2017
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com