| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
M48Z35-70PC1 Datasheet(PDF) 1 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
M48Z35-70PC1 Datasheet(HTML) 1 Page - STMicroelectronics |
|
1 / 20 page ![]() 1/20 May 2002 M48Z35 M48Z35Y 256 Kbit (32 Kbit x 8) ZEROPOWER® SRAM FEATURES SUMMARY s INTEGRATED, ULTRA LOW POWER SRAM, POWER-FAIL CONTROL CIRCUIT, and BATTERY s READ CYCLE TIME EQUALS WRITE CYCLE TIME s AUTOMATIC POWER-FAIL CHIP DESELECT and WRITE PROTECTION s WRITE PROTECT VOLTAGES: (VPFD = Power-fail Deselect Voltage) – M48Z35: VCC = 4.75 to 5.5V 4.5V ≤ VPFD ≤ 4.75V – M48Z35Y: 4.5 to 5.5V 4.2V ≤ VPFD ≤ 4.5V s SELF-CONTAINED BATTERY IN THE CAPHAT™ DIP PACKAGE s PACKAGING INCLUDES A 28-LEAD SOIC and SNAPHAT® TOP (to be Ordered Separately) s PIN and FUNCTION COMPATIBLE WITH JEDEC STANDARD 32K x 8 SRAMs s SOIC PACKAGE PROVIDES DIRECT CONNECTION FOR A SNAPHAT TOP WHICH CONTAINS THE BATTERY and CRYSTAL Figure 1. 28-pin CAPHAT™ DIP Package Figure 2. 28-pin SOIC Package PCDIP28 (PC) Battery CAPHAT 28 1 SNAPHAT (SH) Crystal / Battery SOH28 (MH) 28 1 |
Número de pieza similar - M48Z35-70PC1 |
|
Descripción similar - M48Z35-70PC1 |