| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LMZ8-SW50 Datasheet(PDF) 1 Page - Lumileds Lighting Company |
|
|
|||||||||||||||||||||||||||||
LMZ8-SW50 Datasheet(HTML) 1 Page - Lumileds Lighting Company |
|
1 / 2 page ![]() ILLUMINATION LUXEON MZ Best combination of brightness, uniformity and luminance enabling precision light control LUXEON MZ is a multi-die LED designed to enable outdoor and industrial applications with all of the features of LUXEON M including an identical solder footprint, but allowing for tighter beam control and higher punch due to a smaller apparent source size. LUXEON MZ falls within a single 3- or 5-step MacAdam ellipse centered in ANSI to ensure color consistency from LED to LED. The superior quality of light, volume of lumens, and real world efficacy enable leading performance and efficient solution development in a wide variety of lighting segments. FEATURES AND BENEFITS PRIMARY APPLICATIONS Undomed package for improved punch and exceptional luminance High Bay & Low Bay Common footprint as LUXEON M for compatibility with existing designs Lamps Industry leading 11.2V package delivers exceptional efficacy Outdoor Leading thermal resistance enables flexible system design to optimize for lm/$ and lm/W Specialty Lighting Exceeds ENERGY STAR® lumen maintenance requirements Spotlights |
Número de pieza similar - LMZ8-SW50 |
|
Descripción similar - LMZ8-SW50 |