| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
DS3153N Datasheet(PDF) 12 Page - Dallas Semiconductor |
|
|
|||||||||||||||||||||||||||||
DS3153N Datasheet(HTML) 12 Page - Dallas Semiconductor |
|
12 / 60 page ![]() DS3151/DS3152/DS3153/DS3154 Single/Dual/Triple/Quad DS3/E3/STS-1 LIUs 12 of 60 Table 4-C. Receiver Pin Descriptions NAME I/O FUNCTION RXPn, RXNn I Receiver Analog Inputs. These differential AMI inputs are coupled to the inbound 75 W coaxial cable through a 1:2 step-up transformer (Figure 1-1). RCLKn O3 Receiver Clock. The recovered clock is output on the RCLK pin. Recovered data is output on the RPOS/RDAT and RNEG/RLCV pins on the falling edge of RCLK (RCINV = 0) or the rising edge of RCLK (RCINV = 1). During a loss of signal ( RLOS = 0), the RCLK output signal is derived from the LIU’s master clock. RPOSn/ RDATn O3 Receiver Positive AMI/Receiver Data. When the receiver is configured to have a bipolar interface (RBIN = 0), RPOS pulses high for each positive AMI pulse received. When the receiver is configured to have a binary interface (RBIN = 1), RDAT outputs decoded binary data. RPOS/RDAT is updated either on the falling edge of RCLK (RCINV = 0) or the rising edge of RCLK (RCINV = 1). RNEGn/ RLCVn O3 Receiver Negative AMI/Line-Code Violation. When the receiver is configured to have a bipolar interface (RBIN = 0), RNEG pulses high for each negative AMI pulse received. When the receiver is configured to have a binary interface (RBIN = 1), RLCV pulses high to flag code violations. See Section 6 for further details on code violations. RNEG/RLCV is updated either on the falling edge of RCLK (RCINV = 0) or the rising edge of RCLK (RCINV = 1). RTSn I Receiver Tri-State Enable (Active Low). RTS tri-states the RPOS/RDAT, RNEG/RLCV, and RCLK receiver outputs. This feature supports applications requiring LIU redundancy. Receiver outputs from multiple LIUs can be wire-ORed together, eliminating the need for external switches or muxes. The receiver continues to operate internally when RTS is low. 0 = tri-state the receiver outputs 1 = enable the receiver outputs RLOSn O Receiver Loss of Signal (Active Low, Open Drain). RLOS is asserted upon detection of 175 ±75 consecutive zeros in the receive data stream. RLOS is deasserted when there are no excessive zero occurrences over a span of 175 ±75 clock periods. An excessive zero occurrence is defined as three or more consecutive zeros in the DS3 and STS-1 modes or four or more zeros in the E3 mode. See Section 6 for additional details. RMONn I Receive Monitor-Preamp Enable. RMON determines whether or not the receiver’s preamp is enabled to provide flat gain to the incoming signal before the AGC/equalizer block processes it. This feature should be enabled when the device is being used to monitor signals that have been resistively attenuated by a monitor jack. 0 = disable the monitor preamp 1 = enable the monitor preamp RJAn I Receiver Jitter Attenuator Enable 0 = remove jitter attenuator from the receiver path 1 = insert jitter attenuator into the receiver path (Note that TJA = 1 takes precedence over RJA = 1.) |