Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MB91F522BKBPMC1 Datasheet(PDF) 37 Page - Cypress Semiconductor

No. de pieza MB91F522BKBPMC1
Descripción Electrónicos  32-bit FR81S Microcontroller
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CYPRESS [Cypress Semiconductor]
Página de inicio  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F522BKBPMC1 Datasheet(HTML) 37 Page - Cypress Semiconductor

Back Button MB91F522BKBPMC1 Datasheet HTML 33Page - Cypress Semiconductor MB91F522BKBPMC1 Datasheet HTML 34Page - Cypress Semiconductor MB91F522BKBPMC1 Datasheet HTML 35Page - Cypress Semiconductor MB91F522BKBPMC1 Datasheet HTML 36Page - Cypress Semiconductor MB91F522BKBPMC1 Datasheet HTML 37Page - Cypress Semiconductor MB91F522BKBPMC1 Datasheet HTML 38Page - Cypress Semiconductor MB91F522BKBPMC1 Datasheet HTML 39Page - Cypress Semiconductor MB91F522BKBPMC1 Datasheet HTML 40Page - Cypress Semiconductor MB91F522BKBPMC1 Datasheet HTML 41Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 280 page
background image
Document Number: 002-04662 Rev. *F
Page 37 of 280
MB91520 Series
Type
Circuit
Remarks
G
•Analog input, General-purpose I/O port
•Output 4 mA
•Pull-up resistor control 50 kΩ
• CMOS hysteresis input
H
•Analog input, General-purpose I/O port
•Output 12 mA
•Pull-up resistor control 50 kΩ
•Automotive input
I
• General-purpose I/O port (5 V tolerant)
• Output 4 mA
• CMOS hysteresis input
Digital output
Digital output
Standby control
CMOS-hys input
Pull-up control
Digital output
Digital output
Standby control
Automotive input
Analog input
Pull-up control
Digital output
Digital output
Standby control
CMOS-hys input
Analog input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com