Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MB91F525DLBPMC Datasheet(PDF) 45 Page - Cypress Semiconductor

No. de pieza MB91F525DLBPMC
Descripción Electrónicos  32-bit FR81S Microcontroller
PDF  280 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CYPRESS [Cypress Semiconductor]
Página de inicio  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F525DLBPMC Datasheet(HTML) 45 Page - Cypress Semiconductor

Back Button MB91F525DLBPMC Datasheet HTML 41Page - Cypress Semiconductor MB91F525DLBPMC Datasheet HTML 42Page - Cypress Semiconductor MB91F525DLBPMC Datasheet HTML 43Page - Cypress Semiconductor MB91F525DLBPMC Datasheet HTML 44Page - Cypress Semiconductor MB91F525DLBPMC Datasheet HTML 45Page - Cypress Semiconductor MB91F525DLBPMC Datasheet HTML 46Page - Cypress Semiconductor MB91F525DLBPMC Datasheet HTML 47Page - Cypress Semiconductor MB91F525DLBPMC Datasheet HTML 48Page - Cypress Semiconductor MB91F525DLBPMC Datasheet HTML 49Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 280 page
background image
Document Number: 002-04662 Rev. *F
Page 45 of 280
MB91520 Series
 Crystal oscillation circuit
An external noise to the X0 or X1 pin may cause a device malfunction. The printed circuit board must be designed to lay out X0
and X1 pins, crystal oscillator (or ceramic resonator), and the bypass capacitor to be grounded to the close position to the
device.
The printed circuit board artwork is recommended to surround the X0 and X1 pins by ground circuits.
 Mode pins (MD1, MD0)
Connect the MD1 and MD0 mode pins to the VCC or VSS pin directly. To prevent an erroneous selection of test mode caused
by the noise, reduce the pattern length between each mode pin and VCC or VSS pin on the printed circuit board. Also, use the
low-impedance pin connection.
 During power-on
To prevent a malfunction of the voltage step-down circuit built in the device, the voltage rising must be monotonic during
power-on.
 Notes during PLL clock operation
When the PLL clock is selected and if the oscillator is disconnected or if the input is stopped, this clock may continue to operate
at the free running frequency of the self-oscillator circuit built in the PLL clock. This operation is not guaranteed.
 Treatment of A/D converter power supply pins
Connect the pins to have AVCC = AVRH = VCC and AVSS/AVRL = VSS even if the A/D converter is not used.
 Notes on using external clock
An external clock is not supported. None of the external direct clock input can be used for both main clock and sub clock.
 Power-on sequence of A/D converter analog inputs
Be sure to turn on the digital power supply (Vcc) first, and then turn on the A/D converter power supplies (AVcc, AVRH, AVRL)
and analog inputs (AN0 to AN47). Also, turn off the A/D converter power supplies and analog inputs first, and then turn off the
digital power supply (Vcc). When the AVRH pin voltage is turned on or off, it must not exceed AVCC. Even if a common analog
input pin is used as an input port, its input voltage must not exceed AVcc. (However, the analog power supply and digital power
supply can be turned on or off simultaneously.)
 Treatment of C pin
This device contains a voltage step-down circuit. A capacitor must always be connected to the C pin to assure the internal
stabilization of the device. For the standard values, see the "Recommended Operating Conditions" of the latest data sheet.
Note: Please see the latest data sheet for a detailed specification of the operation voltage.
 Function switching of a multiplexed port
To switch between the port function and the multiplexed pin function, use the PFR (port function register). However, if a pin is
also used for an external bus, its function is switched by the external bus setting. For details, see " I/O PORTS" in the hardware
manual.
 Low-power consumption mode
To transit to the sleep mode, watch mode, stop mode, watch mode(power-off) or stop mode(power-off), follow the procedure
explained in "Activating the sleep mode, watch mode, or stop mode" or "Activating the watch mode (power-off) or stop
mode(power-off)" of " POWER CONSUMPTION CONTROL" in the hardware manual.
Take the following notes when using a monitor debugger.
•
Do not set a break point for the low-power consumption transition program.
•
Do not execute an operation step for the low-power consumption transition program.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com