Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MB91F584MJ Datasheet(PDF) 10 Page - Cypress Semiconductor

No. de pieza MB91F584MJ
Descripción Electrónicos  32-bit Microcontroller
PDF  176 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  CYPRESS [Cypress Semiconductor]
Página de inicio  http://www.cypress.com
Logo CYPRESS - Cypress Semiconductor

MB91F584MJ Datasheet(HTML) 10 Page - Cypress Semiconductor

Back Button MB91F584MJ Datasheet HTML 6Page - Cypress Semiconductor MB91F584MJ Datasheet HTML 7Page - Cypress Semiconductor MB91F584MJ Datasheet HTML 8Page - Cypress Semiconductor MB91F584MJ Datasheet HTML 9Page - Cypress Semiconductor MB91F584MJ Datasheet HTML 10Page - Cypress Semiconductor MB91F584MJ Datasheet HTML 11Page - Cypress Semiconductor MB91F584MJ Datasheet HTML 12Page - Cypress Semiconductor MB91F584MJ Datasheet HTML 13Page - Cypress Semiconductor MB91F584MJ Datasheet HTML 14Page - Cypress Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 176 page
background image
Document Number: 002-04665 Rev *A
Page 9 of 175
MB91580M/S Series
MB91580L Series Product Lineup Comparison
 Memory size
Items
MB91F585LA
MB91F585LB
MB91F585LC
MB91F585LD
MB91F586LA
MB91F586LB
MB91F586LC
MB91F586LD
MB91F587LA
MB91F587LB
MB91F587LC
MB91F587LD
Flash memory capacity (program)
512+64 Kbytes
768+64 Kbytes
1024+64 Kbytes
Flash memory capacity (work)
64 Kbytes
RAM capacity (main)
48 Kbytes
64 Kbytes
96 Kbytes
RAM capacity (backup)
8 Kbytes
 Function
Items
MB91F585LA
MB91F586LA
MB91F587LA
MB91F585LB
MB91F586LB
MB91F587LB
MB91F585LC
MB91F586LC
MB91F587LC
MB91F585LD
MB91F586LD
MB91F587LD
System clock
On-chip PLL clock multiplication system
(Up to 32 times of multiplication)
Minimum instruction execution time: 7.81ns
(128MHz, source oscillation 4MHz
× 32 times of multiplication)
CR oscillation
Provided
Oscillation stop feature
during standby
Provided
Provided
Not provided
Not provided
External bus interface
Not provided
Address: 22 bits
Data: 16 bits
Not provided
Address: 22 bits
Data: 16 bits
DMA transfer
8 channels
16-bit base timer
2 channels
Free-run timer
6 channels
Input capture
8 channels
Output compare
12 channels
Waveform generator
2 units (12 channels)
16-bit reload timer
4 channels
PPG
24 channels
External interrupt
8 channels
A/D converter
3 units (24 channels)
R/D converter
Provided
Not provided
Provided
Not provided
D/A converter
Not provided
Provided
Not provided
Provided
Up/ down counter
2 channels
Multi-function serial interface
5 channels
CAN
64 msb
× 3 channels (ch.0/ch.1/ch.2)
FlexRay
128 msb
× 1 unit (ch.A / ch.B)
Software watchdog
Provided
Hardware watchdog
Provided
CRC generation
1 channel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com