| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
PDTC143TS Datasheet(PDF) 2 Page - NXP Semiconductors |
|
|
|||||||||||||||||||||||||||||
PDTC143TS Datasheet(HTML) 2 Page - NXP Semiconductors |
|
2 / 14 page ![]() 2004 Aug 06 2 Philips Semiconductors Product specification NPN resistor-equipped transistors; R1 = 4.7 k Ω, R2 = open PDTC143T series FEATURES • Built-in bias resistors • Simplified circuit design • Reduction of component count • Reduced pick and place costs. APPLICATIONS • General purpose switching and amplification • Inverter and interface circuits • Circuit applications. QUICK REFERENCE DATA DESCRIPTION NPN resistor-equipped transistor (see “Simplified outline, symbol and pinning” for package details). SYMBOL PARAMETER TYP. MAX. UNIT VCEO collector-emitter voltage − 50 V IO output current (DC) − 100 mA R1 bias resistor 4.7 − k Ω R2 open −−− PRODUCT OVERVIEW Note 1. * = p: Made in Hong Kong. * = t: Made in Malaysia. * = W: Made in China. TYPE NUMBER PACKAGE MARKING CODE PNP COMPLEMENT PHILIPS EIAJ PDTC143TE SOT416 SC-75 40 PDTA143TE PDTC143TEF SOT490 SC-89 11 PDTA143TEF PDTC143TK SOT346 SC-59 52 PDTA143TK PDTC143TM SOT883 SC-101 DM PDTA143TM PDTC143TS SOT54 (TO-92) SC-43 TC143T PDTA143TS PDTC143TT SOT23 − *33(1) PDTA143TT PDTC143TU SOT323 SC-70 *52(1) PDTA143TU |