Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MPSH10 Datasheet(PDF) 1 Page - Micro Commercial Components

No. de pieza MPSH10
Descripción Electrónicos  NPN RF Transistor
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MCC [Micro Commercial Components]
Página de inicio  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

MPSH10 Datasheet(HTML) 1 Page - Micro Commercial Components

  MPSH10_13 Datasheet HTML 1Page - Micro Commercial Components MPSH10_13 Datasheet HTML 2Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
MPSH10
NPN RF
Transistor
Features
Capable of 0.35Watts of Power Dissipation.
Collector Current: 0.05A
Maximum Ratings*
Symbol
Rating
Rating
Unit
VCEO
Collector-Emitter Voltage
25
V
VCBO
Collector-Base Voltage
30
V
VEBO
Emitter-Base Voltage
3.0
V
IC
Collector Current
50
mA
PD
Power Dissipation
0.35
W
TJ
Operating Junction Temperature
-55 to +150
TSTG
Storage Temperature
-55 to +150
Electrical Characteristics @ 25OC Unless Otherwise Specified
Symbol
Parameter
Min
Max
Units
OFF CHARACTERISTICS
V(BR)CEO
Collector-Emitter Breakdown Voltage*
(IC=1mAdc, IB=0)
25
---
Vdc
V(BR)CBO
Collector-Base Breakdown Voltage
(IC=100
µAdc, IE=0)
30
---
Vdc
V(BR)EBO
Emitter-Base Breakdown Voltage
(IE=10
µAdc, IC=0)
3.0
---
Vdc
ICBO
Collector Cutoff Current
(VCB=25Vdc, IE=0)
---
0.1
ICEO
Collector Cutoff Current
(VCE=20Vdc, IB=0)
0.2
µAdc
IEBO
Emitter Cutoff Current
(VEB=2.0Vdc, IC=0)
---
0.1
ON CHARACTERISTICS *
hFE
DC Current Gain
(IC=4mAdc, VCE=10Vdc)
60
200
---
VCE(sat)
Collector-Emitter Saturation Voltage
(IC=4mAdc, IB=0.4mAdc)
---
0.5
Vdc
VBE(on)
Base-Emitter On Voltage
(IC=4mAdc, VCE=10Vdc)
---
0.95
Vdc
fT
Transition Frequency
(VCE=10V, IC=4mA, f=100MHz)
650
---
MHz
 omponents
20736 Marilla
Street Chatsworth

 !"#
$%    !"#
MCC
Revision: D
2013/01/01
TM
Micro Commercial Components
www.mccsemi.com
1 of 2
Marking:MPSH10
Lead Free Finish/RoHS Compliant ("P" Suffix designates
RoHS Compliant. See ordering information)
Epoxy meets UL 94 V-0 flammability rating
Moisure Sensitivity Level 1
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.175
.185
4.45
4.70
B
.175
.185
4.45
4.70
C
.500
---
12.70
---
D
.016
.020
0.41
0.63
E
.135
.145
3.43
3.68
.095
.105
2.42
2.67
Straight Lead
A
E
B
C
D
G
B
E
C
B
E
C
BENT LEAD
STRAIGHT LEAD
BULK PACK
AMMO PACK
* For ammo packing detailed specification, click here to visit our website
of product packaging for details.
.
173
.
220
4.40
5.60
Bent Lead
G
TO-92
DIMENSIONS
Halogen free available upon request by adding suffix "-HF"
µAdc
µAdc


Número de pieza similar - MPSH10_13

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Central Semiconductor C...
MPSH10 CENTRAL-MPSH10_15 Datasheet
328Kb / 2P
SILICON NPN RF TRANSISTORS
logo
Unisonic Technologies
MPSH10 UTC-MPSH10_15 Datasheet
193Kb / 4P
RF TRANSISTOR
More results

Descripción similar - MPSH10_13

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Fairchild Semiconductor
MPS5179 FAIRCHILD-MPS5179 Datasheet
51Kb / 4P
NPN RF Transistor
MPS6543 FAIRCHILD-MPS6543 Datasheet
23Kb / 2P
NPN RF Transistor
logo
Advanced Semiconductor
MSC80213 ASI-MSC80213 Datasheet
25Kb / 2P
NPN RF TRANSISTOR
MSC80278 ASI-MSC80278 Datasheet
21Kb / 1P
NPN RF TRANSISTOR
logo
Fairchild Semiconductor
BF240 FAIRCHILD-BF240 Datasheet
27Kb / 3P
NPN RF Transistor
2N5770 FAIRCHILD-2N5770_01 Datasheet
298Kb / 7P
NPN RF Transistor
MPS5179 FAIRCHILD-MPS5179_01 Datasheet
490Kb / 12P
NPN RF Transistor
PN918 FAIRCHILD-PN918_01 Datasheet
512Kb / 15P
NPN RF Transistor
MMBT5770 FAIRCHILD-MMBT5770 Datasheet
302Kb / 6P
NPN RF Transistor
logo
New Jersey Semi-Conduct...
MMBT918 NJSEMI-MMBT918 Datasheet
77Kb / 2P
NPN RF Transistor
More results


Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com