Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FDMF6833C Datasheet(PDF) 12 Page - ON Semiconductor

No. de pieza FDMF6833C
Descripción Electrónicos  Extra-Small, High-Performance, High-Frequency DrMOS Module
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ONSEMI [ON Semiconductor]
Página de inicio  http://www.onsemi.com
Logo ONSEMI - ON Semiconductor

FDMF6833C Datasheet(HTML) 12 Page - ON Semiconductor

Back Button FDMF6833C Datasheet HTML 8Page - ON Semiconductor FDMF6833C Datasheet HTML 9Page - ON Semiconductor FDMF6833C Datasheet HTML 10Page - ON Semiconductor FDMF6833C Datasheet HTML 11Page - ON Semiconductor FDMF6833C Datasheet HTML 12Page - ON Semiconductor FDMF6833C Datasheet HTML 13Page - ON Semiconductor FDMF6833C Datasheet HTML 14Page - ON Semiconductor FDMF6833C Datasheet HTML 15Page - ON Semiconductor FDMF6833C Datasheet HTML 16Page - ON Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 21 page
background image
© 2011 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FDMF6833C • Rev. 1.0.4
11
Typical Performance Characteristics
Test Conditions: VCIN=5 V, VDRV=5 V, TA=25°C, and natural convection cooling, unless otherwise specified.
Figure 24.
DISB# Threshold vs. Driver Supply
Voltage
Figure 25.
DISB# Threshold vs. Temperature
Figure 26.
DISB# Pull-Down Current vs.
Temperature
Figure 27.
Boot Diode Forward Voltage vs.
Temperature
1.2
1.4
1.6
1.8
2.0
2.2
4.50
4.75
5.00
5.25
5.50
Driver IC Supply Voltage, VCIN (V)
VIH_DISB#
VIL_DISB#
TA = 25°C
1.2
1.4
1.6
1.8
2.0
2.2
-55
0
25
55
100
125
150
Driver IC Junction Temperature, TJ (oC)
VIH_DISB#
VIL_DISB#
VCIN = 5V
9.0
9.5
10.0
10.5
11.0
11.5
12.0
-55
0
25
55
100
125
150
Driver IC Junction Temperature, TJ (oC)
VCIN = 5V
100
150
200
250
300
350
400
450
500
-55
0
25
55
100
125
150
Driver IC Junction Temperature, TJ (oC)
IF = 20mA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com