| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
AD9674KBCZ Datasheet(PDF) 10 Page - Analog Devices |
|
|
|||||||||||||||||||||||||||||
AD9674KBCZ Datasheet(HTML) 10 Page - Analog Devices |
|
10 / 48 page ![]() Data Sheet AD9674 Rev. A | Page 9 of 47 ADC Timing Diagram DCO– DCO+ DOUTx– DOUTx+ FCO– FCO+ AIN CLK– CLK+ TX_TRIG+ TX_TRIG– MSB N – 17 D12 N – 17 D11 N – 17 D10 N – 17 D9 N – 17 D8 N – 17 D7 N – 17 D6 N – 17 D5 N – 17 D4 N – 17 D3 N – 17 D2 N – 17 D1 N – 17 D0 N – 17 D12 N – 16 MSB N – 16 N – 1 N tDATA tFRAME tFCO tPD tCPD tEH tEL tSETUP tA tHOLD Figure 2. 14-Bit Data Serial Stream (Default, RF Decimator Bypassed, Digital HPF Bypassed), One Channel per Lane Mode, FCO Mode = Word CW Doppler Timing Diagram MLO– MLO+ RESET– RESET+ tMLO tSETUP tHOLD Figure 3. CW Doppler Mode Input MLO±, Continuous Synchronous RESET± Timing, Sampled on the Falling MLO± Edge, 4LO Mode MLO– MLO+ RESET– RESET+ tMLO tHOLD tSETUP Figure 4. CW Doppler Mode Input MLO±, Continuous Synchronous RESET± Timing, Sampled on the Falling MLO± Edge, 8LO Mode |