Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MMBT4401 Datasheet(PDF) 2 Page - Diotec Semiconductor

No. de pieza MMBT4401
Descripción Electrónicos  SMD General Purpose NPN Transistors
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIOTEC [Diotec Semiconductor]
Página de inicio  http://www.diotec.com
Logo DIOTEC - Diotec Semiconductor

MMBT4401 Datasheet(HTML) 2 Page - Diotec Semiconductor

  MMBT4401_17 Datasheet HTML 1Page - Diotec Semiconductor MMBT4401_17 Datasheet HTML 2Page - Diotec Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MMBT4401
Characteristics
Kennwerte
Tj = 25°C
Min.
Typ.
Max.
DC current gain – Kollektor-Basis-Stromverhältnis 1)
VCE = 1 V
IC =
0.1 mA
1 mA
10 mA
150 mA
hFE
20
40
80
100
300
VCE = 2 V
IC =
500 mA
hFE
40
Collector-Emitter saturation voltage – Kollektor-Emitter-Sättigungsspannung 2)
IC = 150 mA, IB = 15 mA
IC = 500 mA, IB = 50 mA
VCEsat
0.40 V
0.75 V
Base-Emitter saturation voltage – Basis-Emitter-Sättigungsspannung 2)
IC = 150 mA, IB = 15 mA
IC = 500 mA, IB = 50 mA
VBEsat
0.75 V
0.95 V
1.20 V
Collector-Base breakdown voltage – Kollektor-Basis Durchbruchspannung 2)
IC = 0.1 mA, E open
V(BR)BEO
60 V
Collector-Emitter breakdown voltage – Kollektor-Emitter Durchbruchspannung 2)
IC = 1 mA, B open
V(BR)CEO
40 V
Base-Emitter breakdown voltage – Basis-Emitter Durchbruchspannung 2)
IE = 0.1 mA, C open
V(BR)BEO
6 V
Collector-Base cutoff current – Kollektor-Basis-Reststrom
VCB = 35 V, E open
ICBO
100 nA
Emitter-Base cutoff current – Emitter-Basis-Reststrom
VEB = 5 V, C open
IEBO
100 nA
Gain-Bandwidth Product – Transitfrequenz
VCE = 10 V, IC = 20 mA, f = 100 MHz
fT
250 MHz
Collector-Base Capacitance – Kollektor-Basis-Kapazität
VCB = 5 V, IE =ie = 0, f = 1 MHz
CCBO
6.5 pF
Thermal resistance junction to ambient
Wärmewiderstand Sperrschicht – Umgebung
RthA
< 420 K/W 2)
Disclaimer: See data book page 2 or website
Haftungssauschluss: Siehe Datenbuch Seite 2 oder Internet
1
Tested with pulses tp = 300 µs, duty cycle ≤ 2% – Gemessen mit Impulsen tp = 300 µs, Schaltverhältnis ≤ 2%
2
Mounted on P.C. board with 3 mm2 copper pad at each terminal
Montage auf Leiterplatte mit 3 mm2 Kupferbelag (Lötpad) an jedem Anschluss
2
http://www.diotec.com/
© Diotec Semiconductor AG



Html Pages

1 2


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com