Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

RN2903 Datasheet(PDF) 4 Page - Microchip Technology

No. de pieza RN2903
Descripción Electrónicos  Low-Power Long Range LoRa짰 Technology Transceiver Module
PDF  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  MICROCHIP [Microchip Technology]
Página de inicio  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

RN2903 Datasheet(HTML) 4 Page - Microchip Technology

  RN2903_18 Datasheet HTML 1Page - Microchip Technology RN2903_18 Datasheet HTML 2Page - Microchip Technology RN2903_18 Datasheet HTML 3Page - Microchip Technology RN2903_18 Datasheet HTML 4Page - Microchip Technology RN2903_18 Datasheet HTML 5Page - Microchip Technology RN2903_18 Datasheet HTML 6Page - Microchip Technology RN2903_18 Datasheet HTML 7Page - Microchip Technology RN2903_18 Datasheet HTML 8Page - Microchip Technology RN2903_18 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 26 page
background image
RN2903
DS50002390E-page 4
 2015-2018 Microchip Technology Inc.
Table 1-1 describes the RN2903 pins.
TABLE 1-1:
PIN DESCRIPTION
Pin
Name
Type
Description
1
GND
Power
Ground supply terminal
2
UART_RTS
Output
Communication UART RTS signal(1), or GPIO
3
UART_CTS
Input
Communication UART CTS signal(1), or GPIO
4
RESERVED
Do not connect
5
RESERVED
Do not connect
6
UART_TX
Output
Communication UART Transmit (TX)
7
UART_RX
Input
Communication UART Receive (RX)
8
GND
Power
Ground supply terminal
9
GPIO13
Input/Output
General purpose I/O pin or analog input
10
GPIO12
Input/Output
General purpose I/O pin or analog input
11
GND
Power
Ground supply terminal
12
VDD
Power
Positive supply terminal
13
GPIO11
Input/Output
General purpose I/O pin or analog input
14
GPIO10
Input/Output
General purpose I/O pin or analog input
15
NC
Not connected
16
NC
Not connected
17
NC
Not connected
18
NC
Not connected
19
NC
Not connected
20
GND
Power
Ground supply terminal
21
GND
Power
Ground supply terminal
22
GND
Power
Ground supply terminal
23
RF
RF analog
RF signal pin
24
GND
Power
Ground supply terminal
25
NC
Not connected
26
GND
Power
Ground supply terminal
27
GND
Power
Ground supply terminal
28
GND
Power
Ground supply terminal
29
NC
Not connected
30
PGC_INT
Input/Ouput
Internal MCU ICSP program clock or general purpose I/O pin
31
PGD_INT
Input/Ouput
Internal MCU ICSP program data or general purpose I/O pin
32
RESET
Input
Active-low device Reset input
33
GND
Power
Ground supply terminal
34
VDD
Power
Positive supply terminal
35
GPIO0
Input/Output
General purpose I/O pin or analog input
36
GPIO1
Input/Output
General purpose I/O pin or analog input
37
GPIO2
Input/Output
General purpose I/O pin or analog input
38
GPIO3
Input/Output
General purpose I/O pin or analog input
39
GPIO4
Input/Output
General purpose I/O pin
40
GPIO5
Input/Output
General purpose I/O pin or analog input
41
GND
Power
Ground supply terminal
42
NC
Not connected
43
GPIO6
Input/Output
General purpose I/O pin or analog input



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com