| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
LAN9220 Datasheet(PDF) 47 Page - Microchip Technology |
|
|
|||||||||||||||||||||||||||||
LAN9220 Datasheet(HTML) 47 Page - Microchip Technology |
|
47 / 142 page ![]() 2006-2017 Microchip Technology Inc. DS00002417A-page 47 LAN9220 FIGURE 3-21: TX EXAMPLE 1 TXCommand'A' 0 31 TXCommand'B' Pad DWORD 1 7-Byte Data Start Offset 10-Byte EndPadding 79-BytePayload Buf fer End Alignment = 1 Data Start Offset = 7 First Segment = 1 Last Segment = 0 Buf fer Size = 79 Packet Length = 111 TXCommand'A' 0 31 TXCommand'B' 10-Byte EndOffsetPadding 15-BytePayload Buf fer End Alignment = 1 Data Start Offset = 0 First Segment = 0 Last Segment = 0 Buf fer Size = 15 Packet Length = 111 TXCommand'A' 0 31 TXCommand'B' Buffer End Alignment = 1 Data Start Of fset = 10 First Segment = 0 Last Segment = 1 Buffer Size = 17 Packet Length = 111 10-Byte Data Start Offset TX Com m and 'A' TX Com m and 'B' TX Com m and 'A' TX Com m and 'B' TX Com m and 'A' TX Com m and 'B' NOTE: Extra bytes betw een buff ers are not transmitted Data Written to the Ethernet Controller Data Passed to the TX Data FIFO 5-ByteEndPadding 17-BytePayloadData TXCommand'A' TXCommand'B' TXCommand'A' TXCommand'A' 1B 79-BytePayload 15-BytePayload 17-BytePayload |