| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
SLG46121V Datasheet(PDF) 51 Page - Dialog Semiconductor |
|
|
|||||||||||||||||||||||||||||
SLG46121V Datasheet(HTML) 51 Page - Dialog Semiconductor |
|
51 / 98 page ![]() 000-0046121--106 Page 50 of 97 SLG46121 10.3.1 3-Bit LUT or Pipe Delay Macrocells Used as 3-Bit LUTs Each Macrocell, when programmed for a LUT function, uses a 8-bit register to define their output function: 3-Bit LUT8 is defined by reg <495:488> 10.3.2 3-Bit LUT or Pipe Delay Macrocells Used as Pipe Delay Register Settings Table 41. Pipe Delay Register Settings Signal Function Register Bit Address Register Definition OUT0 select reg <490:488> data (pipe number) OUT1 select reg <493:491> data (pipe number) Unused if Pipe Delay selected reg <495:494> Unused LUT3_8 or pipe de- lay output select reg <500> 0: LUT3_8 1: pipe delay Table 40. 3-bit LUT8 Truth Table. IN2 IN1 IN0 OUT 0 0 0 reg <488> 0 0 1 reg <489> 0 1 0 reg <490> 0 1 1 reg <491> 1 0 0 reg <492> 1 0 1 reg <493> 1 1 0 reg <494> 1 1 1 reg <495> |