Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

TIP31C Datasheet(PDF) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

No. de pieza TIP31C
Descripción Electrónicos  NPN Epitaxial Silicon Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  JSMC [JILIN SINO-MICROELECTRONICS CO., LTD.]
Página de inicio  http://www.hwdz.com.cn
Logo JSMC - JILIN SINO-MICROELECTRONICS CO., LTD.

TIP31C Datasheet(HTML) 1 Page - JILIN SINO-MICROELECTRONICS CO., LTD.

  TIP31C Datasheet HTML 1Page - JILIN SINO-MICROELECTRONICS CO., LTD. TIP31C Datasheet HTML 2Page - JILIN SINO-MICROELECTRONICS CO., LTD. TIP31C Datasheet HTML 3Page - JILIN SINO-MICROELECTRONICS CO., LTD. TIP31C Datasheet HTML 4Page - JILIN SINO-MICROELECTRONICS CO., LTD.  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
R
版本:
201505A
1/4
NPN 硅外延晶体管
NPN Epitaxial Silicon Transistor
TIP31C
订 货 型 号
Order codes
Marking
无卤素
Halogen Free
Package
Packaging
TIP31C-O- Z-N-C
TIP31C
NO
TO-220
袋装
Bag
TIP31C-O- C-N-B
TIP31C
NO
TO-220C
条管
Tube
绝对最大额定值
ABSOLUTE RATINGS
(Tc=25℃ unless otherwise noted)
热特性 THERMAL CHARACTERISTIC
Parameter
Symbo
最小值
min
最大值
max
Unit
结到环境的热阻
Thermal Resistance Junction Case TO-220(C) Rth(j-a)
-
62.5
/W
结到管壳的热阻
Thermal Resistance Junction Case TO-220(C) Rth(j-c)
-
3.12
/W
Parameter
Symbol
Value
Unit
集电极—基极直流电压
Collector-Base Voltage (IE = 0)
VCBO
100
V
集电极
—发射极直流电压
Collector- Emitter Voltage(IB=0)
VCEO
100
V
发射极
—基极直流电压
Emitter-Base Voltage
VEBO
5
V
最大集电极直流电流
Collector Current(DC)
IC
3
A
最大集电极脉冲电流
Collector Current(Pulse)
ICP
5
A
最大基极电流
Base Current
IB
1
A
最大集电极耗散功率
Collector Dissipation(Tc=25℃)
PC
40
W
最大集电极耗散功率
Collector Dissipation(Ta=25℃)
PC
2
W
最高结温
Junction Temperature
Tj
150
贮存温度
Storage Temperature
Tstg
-55~+150
封装 Package
TO-220
TO-220C
订货信息 ORDER MESSAGE
用途
应用于中功率线性转换电路
APPLICATIONS
Medium Power Linear Switching Applications
产品特性
高集电极电压
VCEO=100V (min)
TIP32C 互补
环保(
RoHS)产品
FEATURES
High collector voltageVCEO=100V (min)
Complementary to TIP32C
RoHS product


Número de pieza similar - TIP31C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Mospec Semiconductor
TIP31C MOSPEC-TIP31C Datasheet
192Kb / 4P
POWER TRANSISTORS(3A,40-100V,40W)
logo
Motorola, Inc
TIP31C MOTOROLA-TIP31C Datasheet
196Kb / 6P
POWER TRANSISTORS COMPLEMENTARY SILICON
logo
ON Semiconductor
TIP31C ONSEMI-TIP31C Datasheet
196Kb / 6P
POWER TRANSISTORS COMPLEMENTARY SILICON
REV 1
logo
Power Innovations Ltd
TIP31C POINN-TIP31C Datasheet
86Kb / 6P
NPN SILICON POWER TRANSISTORS
logo
STMicroelectronics
TIP31C STMICROELECTRONICS-TIP31C Datasheet
64Kb / 5P
COMPLEMENTARY SILICON POWER TRANSISTORS
Oct-1999
More results

Descripción similar - TIP31C

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Samsung semiconductor
2N6516 SAMSUNG-2N6516 Datasheet
35Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCW33 SAMSUNG-BCW33 Datasheet
27Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCW60B SAMSUNG-BCW60B Datasheet
34Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
BCX70G SAMSUNG-BCX70G Datasheet
34Kb / 1P
NPN EPITAXIAL SILICON TRANSISTOR
logo
Fairchild Semiconductor
BC237 FAIRCHILD-BC237 Datasheet
45Kb / 4P
NPN EPITAXIAL SILICON TRANSISTOR
BC846 FAIRCHILD-BC846 Datasheet
68Kb / 3P
NPN EPITAXIAL SILICON TRANSISTOR
FJN3301R FAIRCHILD-FJN3301R Datasheet
69Kb / 4P
NPN Epitaxial Silicon Transistor
FJN3307R FAIRCHILD-FJN3307R Datasheet
37Kb / 4P
NPN Epitaxial Silicon Transistor
FJN3308R FAIRCHILD-FJN3308R Datasheet
36Kb / 4P
NPN Epitaxial Silicon Transistor
FJNS3201R FAIRCHILD-FJNS3201R Datasheet
69Kb / 4P
NPN Epitaxial Silicon Transistor
More results


Html Pages

1 2 3 4


Datasheet Descarga

Go To PDF Page


Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com