Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AT89ISP Datasheet(PDF) 2 Page - ATMEL Corporation

No. de pieza AT89ISP
Descripción Electrónicos  AT89ISP Programmer Cable
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  ATMEL [ATMEL Corporation]
Página de inicio  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT89ISP Datasheet(HTML) 2 Page - ATMEL Corporation

  AT89ISP Datasheet HTML 1Page - ATMEL Corporation AT89ISP Datasheet HTML 2Page - ATMEL Corporation AT89ISP Datasheet HTML 3Page - ATMEL Corporation AT89ISP Datasheet HTML 4Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2
3310E–MICRO–10/06
AT89ISP Programmer Cable
Figure 4-1.
AT89ISP Cable 10-pin Male Header Pinout
Note:
NC = Not Connected.
5.
Header Dimensions
Figure 5-1 shows the receptacle male header dimensions.
Figure 5-1.
10-pin Male Header Dimensions
6.
Connection
The correct way to connect the female header end of the AT89ISP cable to the 10-pin receptacle
male header is to align the connector “arrow” towards pin 1, as illustrated in Figure 6-1. On the
cable casing end, make sure the connector “arrow” sits visible next to the side of the small PC
board (not away from it).
Figure 6-1.
Proper Cable Alignment
2
4
6
8
10
1
3
5
7
9
(SCK) P1.7
(MISO) P1.6
RST
NC
(MOSI) P1.5
GND
VCC
NC
P1.4 (SS)
GND
All dimensions are in inches.
Top View
Side View
0.100
0.025Sq.
0.235
10
1
9
2



Html Pages

1 2 3 4