| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
VNH2SP30 Datasheet(PDF) 14 Page - STMicroelectronics |
|
|
|||||||||||||||||||||||||||||
VNH2SP30 Datasheet(HTML) 14 Page - STMicroelectronics |
|
14 / 26 page ![]() VNH2SP30-E 14/26 Figure 12. Half-bridge Configuration Figure 13. Multi-motors Configuration M OUTA OUTA OUTB OUTB VCC PWM DIAGA/ENA INA DIAGB/ENB INB GNDB GNDA GNDB GNDA PWM DIAGA/ENA INA DIAGB/ENB INB The VNH2SP30-E can be used as a high power half-bridge driver achieving an On resistance per leg of 9.5m Ω. Suggested configuration is the following: M2 OUTA OUTA OUTB OUTB VCC PWM DIAGA/ENA INA DIAGB/ENB INB GNDB GNDA GNDB GNDA PWM DIAGA/ENA INA DIAGB/ENB INB M1 M3 The VNH2SP30-E can easily be designed in multi-motors driving applications such as seat positioning systems where only one motor must be driven at a time. DIAGX/ENX pins allow to put unused half-bridges in high impedance. Suggested configuration is the following: |