Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

Preview PDF HTML

K72 Marking, 2N7002DW Datasheet(PDF) 2 Page - Diodes Incorporated

No. de pieza 2N7002DW
Descripción Electrónicos  DUAL N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Fabricante Electrónico  DIODES [Diodes Incorporated]
Página de inicio  http://www.diodes.com
Logo DIODES - Diodes Incorporated

2N7002DW Datasheet(HTML) 2 Page - Diodes Incorporated

  2N7002DW Datasheet HTML 1Page - Diodes Incorporated 2N7002DW Datasheet HTML 2Page - Diodes Incorporated 2N7002DW Datasheet HTML 3Page - Diodes Incorporated 2N7002DW Datasheet HTML 4Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2N7002DW
Document number: DS30120 Rev. 12 - 2
2 of 4
www.diodes.com
August 2010
© Diodes Incorporated
2N7002DW
Electrical Characteristics @TA = 25°C unless otherwise specified
Characteristic
Symbol
Min
Typ
Max
Unit
Test Condition
OFF CHARACTERISTICS (Note 5)
Drain-Source Breakdown Voltage
BVDSS
60
70
⎯
V
VGS = 0V, ID = 10μA
Zero Gate Voltage Drain Current
@ TC = 25°C
@ TC = 125°C
IDSS
⎯
⎯
1.0
500
µA
VDS = 60V, VGS = 0V
Gate-Body Leakage
IGSS
⎯
⎯
±10
nA
VGS = ±20V, VDS = 0V
ON CHARACTERISTICS (Note 5)
Gate Threshold Voltage
VGS(th)
1.0
⎯
2.0
V
VDS = VGS, ID = 250μA
Static Drain-Source On-Resistance
@ TJ = 25°C
@ TJ = 125°C
RDS (ON)
⎯
3.2
4.4
7.5
13.5
Ω
VGS = 5.0V, ID = 0.05A
VGS = 10V, ID = 0.5A
On-State Drain Current
ID(ON)
0.5
1.0
⎯
A
VGS = 10V, VDS = 7.5V
Forward Transconductance
gFS
80
⎯
⎯
mS
VDS = 10V, ID = 0.2A
DYNAMIC CHARACTERISTICS
Input Capacitance
Ciss
⎯
22
50
pF
VDS = 25V, VGS = 0V, f = 1.0MHz
Output Capacitance
Coss
⎯
11
25
pF
Reverse Transfer Capacitance
Crss
⎯
2.0
5.0
pF
SWITCHING CHARACTERISTICS
Turn-On Delay Time
tD(ON)
⎯
7.0
20
ns
VDD = 30V, ID = 0.2A, RL = 150Ω,
VGEN = 10V, RGEN = 25Ω
Turn-Off Delay Time
tD(OFF)
⎯
11
20
ns
Notes:
5. Short duration pulse test used to minimize self-heating effect.
0
0.2
0.4
0.6
0.8
1.0
0
12
3
45
V
, DRAIN-SOURCE VOLTAGE (V)
Fig. 1 On-Region Characteristics
DS
0
1
2
3
4
5
00.2
I , DRAIN CURRENT (A)
Fig. 2 On-Resistance vs. Drain Current
D
6
7
0.4
0.6
0.8
1.0
0
0.5
1.0
1.5
2.0
-55
-30
-5
20
45
70
95
120
145
T , JUNCTION TEMPERATURE ( C)
Fig. 3 On-Resistance vs. Junction Temperature
j
°
0
V
, GATE TO SOURCE VOLTAGE (V)
Fig. 4 On-Resistance vs. Gate-Source Voltage
GS
1
2
3
4
5
6
0
2
4
6
8
10
1214
1618



Html Pages

1 2 3 4