| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
K72 Marking, 2N7002 Datasheet(PDF) 1 Page - Diodes Incorporated |
|
||||||||||||||||||||||||||||||
2N7002 Datasheet(HTML) 1 Page - Diodes Incorporated |
|
1 / 5 page ![]() 2N7002 Document number: DS11303 Rev. 24 - 2 1 of 5 www.diodes.com November 2010 © Diodes Incorporated 2N7002 N-CHANNEL ENHANCEMENT MODE FIELD EFFECT TRANSISTOR Features • Low On-Resistance • Low Gate Threshold Voltage • Low Input Capacitance • Fast Switching Speed • Low Input/Output Leakage • Lead, Halogen and Antimony Free, RoHS Compliant (Note 1) • "Green" Device (Note 2) • Qualified to AEC-Q101 Standards for High Reliability Mechanical Data • Case: SOT-23 • Case Material: Molded Plastic, “Green” Molding Compound. UL Flammability Classification Rating 94V-0 • Moisture Sensitivity: Level 1 per J-STD-020 • Terminals: Matte Tin Finish annealed over Alloy 42 leadframe (Lead Free Plating). Solderable per MIL-STD-202, Method 208 • Terminal Connections: See Diagram • Weight: 0.008 grams (approximate) Ordering Information (Note 3) Part Number Case Packaging 2N7002-7-F SOT-23 3000/Tape & Reel Notes: 1. No purposefully added lead. Halogen and Antimony Free. 2. Product manufactured with Date Code V12 (week 50, 2008) and newer are built with Green Molding Compound. Product manufactured prior to Date Code V12 are built with Non-Green Molding Compound and may contain Halogens or Sb2O3 Fire Retardants. 3. For packaging details, go to our website at http://www.diodes.com. Marking Information Date Code Key Year 1998 1999 2000 2001 2002 2003 2004 2005 2006 2007 2008 2009 2010 2011 2012 Code J K L M N P R S T U V W X Y Z Month Jan Feb Mar Apr May Jun Jul Aug Sep Oct Nov Dec Code 1 2 3 4 5 6 7 8 9 O N D SOT-23 Top View Equivalent Circuit Top View Source Gate Drain D G S K7x = Product Type Marking Code, e.g. K72 YM = Date Code Marking Y = Year (ex: N = 2002) M = Month (ex: 9 = September) K7x |
Descripción similar - 2N7002 |