| Motor de Búsqueda de Datasheet de Componentes Electrónicos |
|
K72 Marking, 2N7002T Datasheet(PDF) 1 Page - SEC Electronics Inc. |
|
||||||||||||||||||||||||||||||
2N7002T Datasheet(HTML) 1 Page - SEC Electronics Inc. |
|
1 / 3 page ![]() 2N7002T 115mA, 60V, RDS(ON) 5 N-Channel Plastic-Encapsulate MOSFETS Elektronische Bauelemente 12-Jun-2018 Rev. D Page 1 of 3 http://www.SeCoSGmbH.com/ Any changes of specification will not be informed individually. RoHS Compliant Product A suffix of “-C” specifies halogen & lead-free FEATURES High Density Cell Design for Low RDS(ON) Voltage Controlled Small Signal Switch Rugged and Reliable High Saturation Current Capability APPLICATION Load Switch for Portable Devices DC/DC Converter MARKING *Solid dot=Green molding compound device, if none, the normal device. PACKAGE INFORMATION Package MPQ Leader Size SOT-523 3K 7 inch ORDER INFORMATION MAXIMUM RATINGS (T A=25°C unless otherwise specified) Parameter Symbol Ratings Unit Drain-Source Voltage VDS 60 V Gate-Source Voltage VGS ±20 V Drain Current ID 115 mA Power Dissipation PD 150 mW Thermal Resistance from Junction-Ambient RθJA 833 °C/W Operating Junction Temperature Range TJ 150 °C Operating Storage Temperature Range TSTG -55~150 °C Part Number Type 2N7002T Lead (Pb)-free 2N7002T-C Lead (Pb)-free and Halogen-free 1 Gate 2 Source 3 Drain SOT-523 Top View A L M C B D G H J F K E 1 2 3 1 2 3 REF. Millimeter REF. Millimeter Min. Max. Min. Max. A 1.5 1.7 G - 0.1 B 1.45 1.75 H 0.55 REF. C 0.7 0.9 J 0.1 0.2 D 0.7 0.9 K - E 0.9 1.1 L 0.5 TYP. F 0.15 0.35 M 0.25 0.35 ․ ․ ․ ․=Solid dot |
Descripción similar - 2N7002T |