| Fabricante Electrónico | No. de pieza | Datasheet | Descripción Electrónicos |
 ERNI Electronics |
214547
|
78Kb / 1P |
Federleiste SMD, Powerm. 6mm
|
|
214914
|
78Kb / 1P |
Federleiste SMD, Powerm. 6mm
|
|
224513
|
97Kb / 1P |
Federleiste 6mm THR, 50 polig
|
|
100202370001
|
136Kb / 1P |
Federleiste 6mm SMD, 50 polig
|
|
100203020001
|
79Kb / 1P |
Federleiste SMD, Powerm. 6mm
|
|
DC0000082
|
101Kb / 1P |
Federleiste 4mm SM.50 polig Female 4mm SMD. 50 contacts
|
|
DC0000085
|
97Kb / 1P |
Federleiste 6mm THR, 50 polig Female 6mm THR, 50 contacts
|
|
DC0000086
|
98Kb / 1P |
Federleiste 8mm SMD, 50 polig Female 8mm SMD, 50 contacts
|
|
DC0000112
|
78Kb / 1P |
Federleiste SMD. Powerm. 6mm Female Con, SMD, Powerm. 6mm
|
|
100700560001
|
138Kb / 1P |
Federleiste 6mm SMD, 50 polig
|