Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CU6000 Datasheet (PDF) - ML Accessories Limited. All rights reserved.

No. de pieza CU6000
Descripción Electrónicos  13A Fused Spur Unit
Tamaño del archivo   158.56 Kbytes
Html View  1 
Fabricante Electrónico  KNIGHTSBRIDGE [ML Accessories Limited. All rights reserved.]
Página de inicio  https://www.mlaccessories.co.uk/
Logo KNIGHTSBRIDGE - ML Accessories Limited.  All rights reserved.

CU6000 Datasheet (PDF) - ML Accessories Limited. All rights reserved.



Número de pieza similar - CU6000

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ML Accessories Limited....
CU6000-3A KNIGHTSBRIDGE-CU6000-3A Datasheet
159Kb / 1P
13A Fused Spur Unit with 3A Fuse Fitted
21/03/2024
CU6000N KNIGHTSBRIDGE-CU6000N Datasheet
157Kb / 1P
13A Fused Spur Unit with Neon
21/03/2024
CU6000NF KNIGHTSBRIDGE-CU6000NF Datasheet
158Kb / 1P
13A Fused Spur Unit with Neon and Flex Outlet from Base
21/03/2024
More results


Descripción similar - CU6000

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Rohm
RSS130N03 ROHM-RSS130N03 Datasheet
60Kb / 4P
Switching (30V, 13A)
logo
List of Unclassifed Man...
CX72301 ETC-CX72301 Datasheet
165Kb / 20P
Spur-Free, 1.0 GHz Dual Fractional-N Frequency Synthesizer
CX72302 ETC-CX72302 Datasheet
162Kb / 20P
CX72302: Spur-Free, 6.1 GHz Dual Fractional-N Frequency Synthesizer
logo
JDS Uniphase Corporatio...
AFF-1130 JDSU-AFF-1130 Datasheet
116Kb / 4P
Attenuator, Fused Fiber
logo
PowerDynamics, Inc
14012 POWERDYNAMICS-14012 Datasheet
52Kb / 1P
BRITISH FUSED CORD SET 250cm LONG BS 1363 TO IEC 60320 C13, 13A FUSE
logo
Alpha & Omega Semicondu...
AOT13N50 AOSMD-AOT13N50 Datasheet
165Kb / 6P
500V, 13A N-Channel MOSFET
logo
List of Unclassifed Man...
SKY72310 ETC2-SKY72310 Datasheet
210Kb / 19P
SKY72310: Spur-Free, 2.1 GHz Single Fractional-N Frequency Synthesizer
B221-30F ETC1-B221-30F Datasheet
676Kb / 2P
Fused and non-fused HVAC disconnects
logo
PHOENIX CONTACT
2316446 PHOENIX-2316446 Datasheet
78Kb / 3P
Provides current limiting short-circuit protection per spur
logo
Pepperl+Fuchs Inc.
ACC-ARS-SW PF-ACC-ARS-SW Datasheet
207Kb / 1P
Separation wall for intrinsically safe spur port application
More results

Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com