| Fabricante Electrónico | No. de pieza | Datasheet | Descripción Electrónicos |
 Schneider Electric |
VN20
|
127Kb / 3P |
TeSys Mini-VARIO - Switch body for switchdisconnector 3 poles - 20 A
Jul 12, 2021 |
|
VN12
|
127Kb / 3P |
TeSys Mini-VARIO - Switch body for switchdisconnector - 3 poles - 12 A
Jul 12, 2021 |
|
VBD02
|
144Kb / 3P |
TeSys Vario - switch disconnector - 12 A - on door
Jul 12, 2021 |
|
V02
|
146Kb / 3P |
TeSys VARIO - Switch body for switchdisconnector - 3 poles - 12 A
Jul 12, 2021 |
|
V01
|
146Kb / 3P |
TeSys VARIO - Switch body for switchdisconnector - 3 poles - 20 A
Jul 12, 2021 |
|
VBD02
|
158Kb / 3P |
TeSys Vario - switch disconnector -12 A - on door
Jun 13, 2022 |
|
VBDN12
|
189Kb / 3P |
TeSys Mini-Vario - switch disconnector - 12 A - on door
Jun 13, 2022 |
|
VBF02
|
158Kb / 3P |
TeSys Vario - switch disconnector -12 A - on door
Jun 13, 2022 |
|
VCDN12
|
146Kb / 3P |
TeSys Mini-Vario - emergency stop switch disconnector - 12 A - on door
Jun 13, 2022 |
|
VN20
|
142Kb / 3P |
TeSys Mini-VARIO - Switch body for switch-disconnector - 3 poles - 20 A
Jun 13, 2022 |