| Fabricante Electrónico | No. de pieza | Datasheet | Descripción Electrónicos |
 Schneider Electric |
XB6AA42B
|
124Kb / 5P |
Complete push button, Harmony XB6, red flush pushbutton 횠 16 spring return 1NC unmarked
Sep 15, 2021 |
|
ZB4BP4
|
417Kb / 13P |
Harmony XB4, Push button head, metal, projecting, red, 횠22, spring return, booted, unmarked
Oct 4, 2021 |
|
ZB4BPA4
|
348Kb / 8P |
Harmony XB4, Push button head, metal, flush, red, 횠22, spring return, booted, unmarked
Oct 4, 2021 |
|
9001SKR8P35RH25
|
149Kb / 5P |
illuminated pushbutton 횠 30 - red - mushroom head 횠 41 mm - 3 positions - 24 V
Jan 13, 2022 |
|
ZB6AA4
|
167Kb / 7P |
Head for non illuminated push button, Harmony XB6, red flush pushbutton 횠 16 spring return unmarked
Jan 21, 2022 |
|
ZB6CA4
|
191Kb / 6P |
Head for non illuminated push button, Harmony XB6, red square flush pushbutton 횠 16 spring return unmarked
Jan 21, 2022 |
|
ZB5AP3S
|
187Kb / 9P |
green flush pushbutton head 횠22 spring return unmarked
Aug 11, 2019 |
|
ZB5AP4
|
403Kb / 12P |
Harmony XB5, Push button head, plastic, projecting, red, 횠22, spring return, booted, unmarked
Mar 7, 2022 |
|
XACB9114
|
131Kb / 2P |
booted head for pushbutton XAC-B - red - 4 mm, -25..70 째C
Mar 21, 2022 |
|
XACB9214
|
101Kb / 2P |
booted head for pushbutton XAC-B - red - 16 mm, -25..70 째C
Mar 21, 2022 |