| Fabricante Electrónico | No. de pieza | Datasheet | Descripción Electrónicos |
 Schneider Electric |
XB6EAD232P
|
114Kb / 5P |
Monolithic selector switch, Harmony XB6E, round black 횠 16 projecting handle 3 positions 2CO
|
|
XB7ND33
|
123Kb / 5P |
selector switch - 횠 22 - black - standard handle - 3 positions - 2 NO
Aug 11, 2019 |
|
9001KS43K10E13
|
122Kb / 2P |
selector switch 횠 30 - black - 3 positions - maintained
Jan 6, 2022 |
|
9001KS43K10E16
|
145Kb / 2P |
selector switch 횠 30 - black - 3 positions - maintained
Jan 6, 2022 |
|
9001KS43K5E26
|
122Kb / 2P |
selector switch 횠 30 - black - 3 positions - maintained
Jan 6, 2022 |
|
9001KS43K5E28
|
145Kb / 2P |
selector switch 횠 30 - black - 3 positions - maintained
Jan 6, 2022 |
|
9001KS46K7
|
127Kb / 2P |
selector switch 횠 30 - black - 3 positions - maintained
Jan 6, 2022 |
|
ZB5AJ3
|
429Kb / 17P |
Harmony XB5, Selector switch head, plastic, black, 횠22, long handle, 3 positions, stay put
Mar 14, 2022 |
|
ZA2BD2
|
123Kb / 2P |
black selector switch - 2 positions - standard handle
Mar 21, 2022 |
|
ZA2BD5
|
123Kb / 2P |
selector switch head - 3 positions 횠 22 - black
Mar 21, 2022 |