| Fabricante Electrónico | No. de pieza | Datasheet | Descripción Electrónicos |
 Silicon image |
SI535
|
276Kb / 12P |
ULTRA LOW JITTER CRYSTAL OSCILLATOR (XO)
|
 Micrel Semiconductor |
MX553BHA156M250
|
1Mb / 4P |
Ultra-low Jitter 156.25MHz LVPECL XO
|
 Microchip Technology |
MX573EBB125M000
|
1Mb / 4P |
Ultra-Low Jitter 125MHz LVDS XO
June 26, 2019 Revision 1.0 |
|
MX553LBB148M500
|
1Mb / 4P |
Ultra-Low Jitter 148.5MHz LVDS XO
September 28, 2016 Revision 1.0 |
|
MX575ABC100M000
|
2Mb / 5P |
Ultra-Low Jitter 100MHz LVCMOS XO
June 05, 2017 Revision 1.0 |
|
MX575ABC200M000
|
1Mb / 4P |
Ultra-Low Jitter 200MHz LVCMOS XO
November 23, 2016 Revision 1.0 |
|
MX573ABB106M250
|
1Mb / 3P |
Ultra-Low Jitter 106.25MHz LVDS XO
April 12, 2017 Revision 1.0 |
|
MX575ABC50M0000
|
1Mb / 4P |
Ultra-Low Jitter 50MHz LVCMOS XO
October 17, 2018 Revision 1.0 |
 Micrel Semiconductor |
MX573EBA125M000
|
1Mb / 4P |
Ultra-low Jitter 125MHz LVPECL XO
|
 Skyworks Solutions Inc. |
SI535
|
738Kb / 12P |
ULTRA LOW JITTER CRYSTAL OSCILLATOR (XO)
Rev. 1.3 |