Fabricante Electrónico | No. de pieza | Datasheet | Descripción Electrónicos |
Molex Electronics Ltd. |
0747522501
|
47Kb / 1P |
SFP-to-SFP Passive Cable Assembly, 10Gbps, 28 AWG Cable, Pull-to-Release Plunger Style Latch, 5.0m Length
|
0747521501
|
47Kb / 1P |
SFP-to-SFP Passive Cable Assembly, 10Gbps, 30 AWG Cable, Pull-to-Release Plunger Style Latch, 5.0m Length
|
0747524501
|
47Kb / 1P |
SFP-to-SFP Passive Cable Assembly, 10Gbps, 24 AWG Cable, Pull-to-Release Plunger Style Latch, 5.0m Length
|
0747523701
|
47Kb / 1P |
SFP-to-SFP Passive Cable Assembly, 10Gbps, 26 AWG Cable, Pull-to-Release Plunger Style Latch, 7.0m Length
|
0747523901
|
47Kb / 1P |
SFP-to-SFP Passive Cable Assembly, 10Gbps, 26 AWG Cable, Pull-to-Release Plunger Style Latch, 9.0m Length
|
0747521201
|
47Kb / 1P |
SFP-to-SFP Passive Cable Assembly, 10Gbps, 30 AWG Cable, Pull-to-Release Plunger Style Latch, 2.0m Length
|
0747522151
|
47Kb / 1P |
SFP-to-SFP Passive Cable Assembly, 10Gbps, 28 AWG Cable, Pull-to-Release Plunger Style Latch, 1.50m Length
|
0747529007
|
47Kb / 1P |
SFP-to-SFP Passive Cable Assembly, 10Gbps, 24 AWG Cable, Pull-to-Release Plunger Style Latch, 15.0m Length
|
0747522301
|
47Kb / 1P |
SFP-to-SFP Passive Cable Assembly, 10Gbps, 28 AWG Cable, Pull-to-Release Plunger Style Latch, 3.0m Length
|
0747521031
|
47Kb / 1P |
SFP-to-SFP Passive Cable Assembly, 10Gbps, 30 AWG Cable, Pull-to-Release Plunger Style Latch, 0.30m Length
|