| Fabricante Electrónico | No. de pieza | Datasheet | Descripción Electrónicos |
 Inchange Semiconductor ... |
2SA2121
|
114Kb / 2P |
High Current Capability
|
|
2SA1028
|
69Kb / 2P |
High Current Capability
|
 Rohm |
BD2202G
|
917Kb / 26P |
0.2A, 0.5A Current Load Switch ICs
|
 Chongqing Pingwei Enter... |
MBR1060CT
|
213Kb / 1P |
High current capability
|
 Wurth Elektronik GmbH &... |
177920511
|
1Mb / 22P |
Current capability up to 0.2A
|
|
177920531
|
1Mb / 22P |
Current capability up to 0.2A
|
 Hongfa Technology |
HFKM
|
62Kb / 4P |
Switching capability up to 20A
|
 TE Connectivity Ltd |
250
|
299Kb / 3P |
High peak current carrying capability up to 6000A
|
 Nanjing International G... |
SM260.2A-DO-213AB
|
492Kb / 2P |
High current capability
|
|
SM260-2A-DO-213AB
|
492Kb / 2P |
High current capability
|