Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

GBJ25A Datasheet (PDF) - Mospec Semiconductor

GBJ25A Datasheet PDF - Mospec Semiconductor
No. de pieza GBJ25A
Descarga  GBJ25A Descarga
Tamaño del archivo   179.37 Kbytes
Page   2 Pages
Fabricante Electrónico  MOSPEC [Mospec Semiconductor]
Página de inicio  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor
Descripción Electrónicos Ideal for printed circuit boards

GBJ25A Datasheet (PDF)

Go To PDF Page Descarga Datasheet
GBJ25A Datasheet PDF - Mospec Semiconductor

No. de pieza GBJ25A
Descarga  GBJ25A Click to download

Tamaño del archivo   179.37 Kbytes
Page   2 Pages
Fabricante Electrónico  MOSPEC [Mospec Semiconductor]
Página de inicio  http://www.mospec.com.tw
Logo MOSPEC - Mospec Semiconductor
Descripción Electrónicos Ideal for printed circuit boards

GBJ25A Datasheet (HTML) - Mospec Semiconductor


GBJ25A Detalles de producto

VOLTAGE 50 to 1000 Volts

CURRENT 25 Amperes



FEATURES

* Plastic package has Underwriters Laboratory

   Flammability Classification 94V-0

* High case dielectric strength of 2500 VRMS

* Ideal for printed circuit boards

* Glass passivated chip junction

* High surge current capability

* High temperature soldering guaranteed: 260°C/10 seconds, 0.375 (9.5mm) lead length, 5lbs. (2.3Kg) tension



 




Número de pieza similar - GBJ25A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Zowie Technology Corpor...
GBJ25A ZOWIE-GBJ25A Datasheet
269Kb / 2P
SINTERED GLASS PASSIVATED BRIDGE RECTIFIER
logo
Won-Top Electronics
GBJ25A WTE-GBJ25A Datasheet
61Kb / 4P
25A GLASS PASSIVATED SINGLE-PHASE BRIDGE RECTIFIER
logo
GOOD-ARK Electronics
GBJ25A GOOD-ARK-GBJ25A Datasheet
156Kb / 2P
Glass Passivated Single-Phase Bridge Rectifiers Reverse Voltage 50 to 1000 Volts Forward Current 25.0 Amperes
logo
SeCoS Halbleitertechnol...
GBJ25A SECOS-GBJ25A Datasheet
187Kb / 2P
25.0 AMP Glass Passivated Bridge Rectifiers
logo
SEMTECH ELECTRONICS LTD...
GBJ25A SEMTECH_ELEC-GBJ25A Datasheet
320Kb / 2P
GLASS PASSIVATED SINGLE PHASE BRIDGE RECTIFIERS
More results


Descripción similar - GBJ25A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
HY ELECTRONIC CORP.
GBU2006F HY-GBU2006F Datasheet
39Kb / 2P
Ideal for printed circuit board
GBJ806F HY-GBJ806F Datasheet
47Kb / 2P
Ideal for printed circuit board
GBJ1006F HY-GBJ1006F Datasheet
46Kb / 2P
Ideal for printed circuit board
logo
GeneSiC Semiconductor, ...
KBU1004 GENESIC-KBU1004 Datasheet
298Kb / 3P
Ideal for printed circuit boards
KBU1010 GENESIC-KBU1010 Datasheet
299Kb / 3P
Ideal for printed circuit boards
logo
Suntan Capacitors
BR25005 SUNTAN-BR25005 Datasheet
609Kb / 2P
Ideal for printed circuit board
KBPC35005W SUNTAN-KBPC35005W Datasheet
505Kb / 2P
Ideal for printed circuit board
KBU6005 SUNTAN-KBU6005 Datasheet
347Kb / 2P
Ideal for printed circuit board
logo
Vishay Siliconix
SBYV26C-M3 VISHAY-SBYV26C-M3 Datasheet
79Kb / 5P
Ideal for printed circuit boards
15-Nov-16
logo
First Silicon Co., Ltd
KBJ401 FS-KBJ401 Datasheet
233Kb / 2P
Ideal for printed circuit boards
More results



Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com