Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

C450TR3547M-S7600 Datasheet (PDF) - Cree, Inc

C450TR3547M-S7600 Datasheet PDF - Cree, Inc
No. de pieza C450TR3547M-S7600
Descarga  C450TR3547M-S7600 Descarga
Tamaño del archivo   289.69 Kbytes
Page   5 Pages
Fabricante Electrónico  CREE [Cree, Inc]
Página de inicio  http://www.cree.com/
Logo CREE - Cree, Inc
Descripción Electrónicos Low Forward Voltage - 3.2 Vf Typical at 50 mA

C450TR3547M-S7600 Datasheet (PDF)

Go To PDF Page Descarga Datasheet
C450TR3547M-S7600 Datasheet PDF - Cree, Inc

No. de pieza C450TR3547M-S7600
Descarga  C450TR3547M-S7600 Click to download

Tamaño del archivo   289.69 Kbytes
Page   5 Pages
Fabricante Electrónico  CREE [Cree, Inc]
Página de inicio  http://www.cree.com/
Logo CREE - Cree, Inc
Descripción Electrónicos Low Forward Voltage - 3.2 Vf Typical at 50 mA

C450TR3547M-S7600 Datasheet (HTML) - Cree, Inc




Número de pieza similar - C450TR3547M-S7600

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cree, Inc
C450TR3547-0205 CREE-C450TR3547-0205 Datasheet
449Kb / 5P
Rectangular LED RF performance Maximum DC forward current 150 mA
logo
Marktech Corporate
C450TR3547-0205 MARKTECH-C450TR3547-0205 Datasheet
449Kb / 5P
TR3547 LEDs
logo
Cree, Inc
C450TR3547-0206 CREE-C450TR3547-0206 Datasheet
449Kb / 5P
Rectangular LED RF performance Maximum DC forward current 150 mA
logo
Marktech Corporate
C450TR3547-0206 MARKTECH-C450TR3547-0206 Datasheet
449Kb / 5P
TR3547 LEDs
logo
Cree, Inc
C450TR3547-0207 CREE-C450TR3547-0207 Datasheet
449Kb / 5P
Rectangular LED RF performance Maximum DC forward current 150 mA
More results


Descripción similar - C450TR3547M-S7600

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Cree, Inc
C460RT260-S1600 CREE-C460RT260-S1600 Datasheet
387Kb / 6P
Reduced Forward Voltage 3.2 V Typical at 20 mA
C450TR3547-S7500 CREE-C450TR3547-S7500_16 Datasheet
356Kb / 5P
Low forward voltage - 3.2 Vf typical at 50 mA
C450TR5270M-S20000 CREE-C450TR5270M-S20000_16 Datasheet
515Kb / 6P
Low Forward Voltage -3.2 V Typical at 120 mA
C460MB290-S0800 CREE-C460MB290-S0800 Datasheet
527Kb / 5P
Low Forward Voltage 3.2 V Typical at 20 mA
C460RT230-S0200 CREE-C460RT230-S0200_16 Datasheet
248Kb / 4P
Low Forward Voltage 3.1 V Typical at 20 mA - Blue & Traffic Green, 3.2 V Typical at 20 mA Green
C460RT260-S1600 CREE-C460RT260-S1600_16 Datasheet
196Kb / 6P
Reduced Forward Voltage 3.2 V Typical at 20 mA
C460RT290-S0200 CREE-C460RT290-S0200_16 Datasheet
203Kb / 4P
Reduced Forward Voltage 3.2 V Typical at 20 mA
C460UT230-S0100 CREE-C460UT230-S0100_16 Datasheet
208Kb / 4P
Low Forward Voltage 3.3V Typical at 20 mA
C460XT290-S2400-A CREE-C460XT290-S2400-A Datasheet
238Kb / 6P
Low Forward Voltage - 3.2 Typical at 20 mA
C450TR5270-S20000 CREE-C450TR5270-S20000_16 Datasheet
552Kb / 6P
Low Forward Voltage - 3.2 V Typical at 120 mA
More results




Acerca de Cree, Inc


Cree, Inc. is an American semiconductor company that specializes in the design and manufacture of wide bandgap semiconductors, including silicon carbide (SiC) and gallium nitride (GaN) devices, as well as LED lighting and power electronics products. The company was founded in 1987 and is headquartered in Durham, North Carolina.

Cree's wide bandgap semiconductors are used in a variety of applications, including power electronics, automotive, aerospace, and defense. The company's SiC and GaN devices are known for their high efficiency, high power density, and high operating temperature, making them ideal for use in applications where high performance is critical.

In addition to its wide bandgap semiconductor products, Cree also offers LED lighting products, including bulbs, fixtures, and chips, that are used in a variety of applications, including residential, commercial, and industrial lighting. Cree's LED lighting products are known for their high quality, energy efficiency, and long lifespan.

Cree has a strong focus on innovation and research and development, and is committed to developing new and innovative products that meet the evolving needs of its customers. The company has a global presence, with offices and facilities located in the United States, Europe, and Asia, and serves customers in more than 100 countries worldwide.

*Esta información es solo para fines informativos generales, no seremos responsables de ninguna pérdida o daño causado por la información anterior.




Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com