| Fabricante Electrónico | No. de pieza | Datasheet | Descripción Electrónicos |
 National Semiconductor ... |
LP2980
|
423Kb / 18P |
Micropower 50 mA Ultra Low-Dropout Regulator
|
|
LP2982
|
411Kb / 17P |
Micropower 50 mA Ultra Low-Dropout Regulator
|
 Analog Devices |
ADP3308
|
115Kb / 8P |
anyCAP??50 mA Low Dropout Linear Regulator
REV.A |
 ON Semiconductor |
CS8221
|
75Kb / 7P |
Micropower 5.0 V, 100 mA Low Dropout Linear Regulator
February, 2006 ??Rev. 8 |
|
CS8321
|
145Kb / 6P |
Micropower 5.0 V, 150 mA Low Dropout Linear Regulator
October, 2005 ??Rev. 7 |
 Texas Instruments |
TPS79801-Q1
|
592Kb / 21P |
50 mA, 3 V TO 50 V, MICROPOWER, LOW-DROPOUT LINEAR REGULATOR
AUGUST2011 |
|
TPS71501-EP
|
467Kb / 14P |
50-mA, 24-V, 3.2-mA SUPPLY CURRENT, LOW-DROPOUT LINEAR REGULATOR
|
 Analog Devices |
ADP3300
|
288Kb / 9P |
50 mA Low Dropout Linear Regulator
REV. C |
 Texas Instruments |
TPS79850-Q1
|
1Mb / 25P |
TPS798xx-Q1 50 mA, 3 V to 50 V, Micropower, Low-Dropout Linear Regulator
|
|
TPS79801-Q1
|
1Mb / 25P |
50 mA, 3 V to 50 V, Micropower, Low-Dropout Linear Regulator
|