Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

R580 Datasheet (PDF) - Hamamatsu Corporation

R580 Datasheet PDF - Hamamatsu Corporation
No. de pieza R580_15
Descarga  R580 Descarga
Tamaño del archivo   50.68 Kbytes
Page   2 Pages
Fabricante Electrónico  HAMAMATSU [Hamamatsu Corporation]
Página de inicio  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Descripción Electrónicos For Scintillation Counting and High Energy Physics 38 mm (1-1/2 lnch) Diameter, 10-stage, Bialkali Photocathode, Head-on Type

R580 Datasheet (PDF)

Go To PDF Page Descarga Datasheet
R580 Datasheet PDF - Hamamatsu Corporation

No. de pieza R580_15
Descarga  R580 Click to download

Tamaño del archivo   50.68 Kbytes
Page   2 Pages
Fabricante Electrónico  HAMAMATSU [Hamamatsu Corporation]
Página de inicio  http://www.hamamatsu.com
Logo HAMAMATSU - Hamamatsu Corporation
Descripción Electrónicos For Scintillation Counting and High Energy Physics 38 mm (1-1/2 lnch) Diameter, 10-stage, Bialkali Photocathode, Head-on Type

R580 Datasheet (HTML) - Hamamatsu Corporation




Número de pieza similar - R580_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
GIACOMINI WATER E-MOTIO...
R580CHY172 GIACOMINI-R580CHY172 Datasheet
803Kb / 5P
Modular brass manifolds for domestic water, outlets 1/2” flat seat
R580CHY173 GIACOMINI-R580CHY173 Datasheet
803Kb / 5P
Modular brass manifolds for domestic water, outlets 1/2” flat seat
R580CHY174 GIACOMINI-R580CHY174 Datasheet
803Kb / 5P
Modular brass manifolds for domestic water, outlets 1/2” flat seat
R580CHY175 GIACOMINI-R580CHY175 Datasheet
803Kb / 5P
Modular brass manifolds for domestic water, outlets 1/2” flat seat
R580CHY176 GIACOMINI-R580CHY176 Datasheet
803Kb / 5P
Modular brass manifolds for domestic water, outlets 1/2” flat seat
More results


Descripción similar - R580_15

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hamamatsu Corporation
R9800 HAMAMATSU-R9800_09 Datasheet
43Kb / 2P
For Scintillation Counting, Fast Time Response 25 mm (1 Inch) Diameter, Bialkali Photocathode, 8-stage, Head-on Type
R12844 HAMAMATSU-R12844_15 Datasheet
257Kb / 4P
For Scintillation Counting, Fast Time Response Bialkali Photocathode, 8-stage, Head-on Type
R11194 HAMAMATSU-R11194_15 Datasheet
47Kb / 2P
For Scintillation Counting, Fast Time Response 38 mm (1.5 Inch) Diameter, Bialkali Photocathode, 8-stage, Head-on Type
R1288A HAMAMATSU-R1288A_15 Datasheet
47Kb / 2P
For High Temperature Scintillation Counting Ruggedized, Low Profile, 25 mm (1 Inch) Diameter High Temp. Bialkali Photocathode, 10-stage, Head-on Type
R877 HAMAMATSU-R877_15 Datasheet
51Kb / 2P
For Scintillation Counting, 127 mm (5 Inch) Diameter Bialkali Photocathode, 10-Stage, Head-on Type
R759 HAMAMATSU-R759_15 Datasheet
40Kb / 2P
For UV Range, 13 mm (1/2 Inch) Diameter Head-on, 10-Stage, Cs-Te Photocathode
R649 HAMAMATSU-R649_15 Datasheet
42Kb / 2P
For Photon Counting, 51 mm (2 Inch) Diameter 12-Stage, Multialkali Photocathode, Head-on Type
R464 HAMAMATSU-R464_15 Datasheet
46Kb / 2P
For Photon Counting 5 mm 횞 8 mm Bialkali Photocathode 51 mm (2 lnch) Diameter, Head-on Type
R331-05 HAMAMATSU-R331-05_15 Datasheet
58Kb / 2P
For Liquid Scintillation Counting, Photon Counting Application 51mm (2 Inch) Diameter, Bialkali Photocathode, 12 Stages, Head-On Type
R329-02 HAMAMATSU-R329-02_15 Datasheet
43Kb / 2P
For Scintillation Counting, Fast Time Response 51 mm (2 Inch) Diameter, Bialkali Photocathode, 12-stage Head-on Type
More results




Acerca de Hamamatsu Corporation


Hamamatsu Corporation is a Japanese company that specializes in the development and manufacture of optoelectronic and photonic devices, including photomultiplier tubes, image sensors, and light sources. The company was founded in 1953 in Hamamatsu, Japan, and has since become a global leader in the optoelectronics industry.

Hamamatsu Corporation's products are used in a variety of applications, including medical equipment, scientific research, industrial automation, and communications. The company is known for its high-quality and reliable products, and its technology is widely used by researchers and engineers around the world.

In addition to its optoelectronic products, Hamamatsu Corporation also provides measurement and analysis services, as well as solutions for industrial inspection and control. The company has offices and facilities around the world, including in the United States, Europe, and Asia, and is committed to advancing the field of optoelectronics through ongoing research and development.

*Esta información es solo para fines informativos generales, no seremos responsables de ninguna pérdida o daño causado por la información anterior.




Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com