Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

MC74VHC1G08 Datasheet (PDF) - Leshan Radio Company

MC74VHC1G08 Datasheet PDF - Leshan Radio Company
No. de pieza MC74VHC1G08
Descarga  MC74VHC1G08 Descarga
Tamaño del archivo   132.26 Kbytes
Page   4 Pages
Fabricante Electrónico  LRC [Leshan Radio Company]
Página de inicio  http://www.lrc.cn/
Logo LRC - Leshan Radio Company
Descripción Electrónicos 2-Input AND Gate

MC74VHC1G08 Datasheet (PDF)

Go To PDF Page Descarga Datasheet
MC74VHC1G08 Datasheet PDF - Leshan Radio Company

No. de pieza MC74VHC1G08
Descarga  MC74VHC1G08 Click to download

Tamaño del archivo   132.26 Kbytes
Page   4 Pages
Fabricante Electrónico  LRC [Leshan Radio Company]
Página de inicio  http://www.lrc.cn/
Logo LRC - Leshan Radio Company
Descripción Electrónicos 2-Input AND Gate

MC74VHC1G08 Datasheet (HTML) - Leshan Radio Company


MC74VHC1G08 Detalles de producto

The MC74VHC1G08 is an advanced high speed CMOS 2–input AND gate fabricated with silicon gate CMOS technology. It achieves high speed operation similar to equivalent Bipolar Schottky TTL while maintaining CMOS low power issipation.
The internal circuit is composed of three stages, including a buffer output which provides high noise immunity and stable output.
The MC74VHC1G08 input structure provides protection when voltages up to 7 V are applied, regardless of the supply voltage.
This allows the MC74VHC1G08 to be used to interface 5 V circuits to 3 V circuits.

• High Speed: t PD = 3.5 ns (Typ) at V CC = 5 V
• Low Power Dissipation: I CC = 2 mA (Max) at T A= 25°C
• Power Down Protection Provided on Inputs
• Balanced Propagation Delays
• Pin and Function Compatible with Other Standard Logic Families
• Chip Complexity: FETs = 62; Equivalent Gates = 15




Número de pieza similar - MC74VHC1G08

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
ON Semiconductor
MC74VHC1G08 ONSEMI-MC74VHC1G08 Datasheet
183Kb / 8P
2-Input AND Gate
December, 1999 ??Rev. 3
logo
E-Tech Electronics LTD
MC74VHC1G08 ETL-MC74VHC1G08 Datasheet
557Kb / 4P
2-Input AND Gate
logo
ON Semiconductor
MC74VHC1G08 ONSEMI-MC74VHC1G08 Datasheet
80Kb / 6P
Single 2-Input AND Gate
May, 2015 ??Rev. 21
MC74VHC1G08 ONSEMI-MC74VHC1G08 Datasheet
206Kb / 14P
Single 2-Input AND Gate
November, 2018 ??Rev. 22
MC74VHC1G08 ONSEMI-MC74VHC1G08 Datasheet
499Kb / 15P
Single 2-Input AND Gate
March, 2022 ??Rev. 29
More results


Descripción similar - MC74VHC1G08

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Toshiba Semiconductor
TC7S08F TOSHIBA-TC7S08F Datasheet
211Kb / 5P
2-INPUT AND GATE
TC7SL08F TOSHIBA-TC7SL08F Datasheet
211Kb / 5P
2-INPUT AND GATE
logo
Renesas Technology Corp
HD74HC1G08 RENESAS-HD74HC1G08 Datasheet
52Kb / 8P
2-input AND Gate
HD74ALVC1G08 RENESAS-HD74ALVC1G08 Datasheet
77Kb / 10P
2-Input AND Gate
logo
Unisonic Technologies
U74AHC1G08 UTC-U74AHC1G08 Datasheet
96Kb / 5P
2-INPUT AND GATE
logo
Toshiba Semiconductor
TC7SH08FS TOSHIBA-TC7SH08FS Datasheet
172Kb / 6P
2-INPUT AND GATE
TC7SL08F TOSHIBA-TC7SL08F_01 Datasheet
227Kb / 6P
2-INPUT AND GATE
TC7SET08F TOSHIBA-TC7SET08F_02 Datasheet
205Kb / 6P
2-INPUT AND GATE
logo
Unisonic Technologies
U74HC2G08 UTC-U74HC2G08_15 Datasheet
164Kb / 5P
2-INPUT AND GATE
U74LVC1G08 UTC-U74LVC1G08_V01 Datasheet
194Kb / 5P
2-INPUT AND GATE
More results



Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com