| Fabricante Electrónico | No. de pieza | Datasheet | Descripción Electrónicos |
 Molex Electronics Ltd. |
0850840700
|
394Kb / 2P |
4.00mm (0.157) SRC Housing, Female, 84 Pin Power, Nylon, Black
|
|
0850830300
|
346Kb / 2P |
4.00mm (0.157") SRC Housing, Male, 84 Pin Power, Nylon, Black
|
|
850830300
|
861Kb / 5P |
SRC MIXED POWER MALE BLADE HOUSING ASSEMBLY
|
|
850840700
|
1Mb / 5P |
SRC MIXED POWER FEMALE RECEPTACLE HOUSING ASSEMBLY
|
|
SD-85083-300
|
861Kb / 5P |
SRC MIXED POWER MALE BLADE HOUSING ASSEMBLY
|
|
SD-85084-700
|
1Mb / 5P |
SRC MIXED POWER FEMALE RECEPTACLE HOUSING ASSEMBLY
|
|
85084-0700
|
55Kb / 1P |
SRC Housing, Female, Hybrid 66 Pin Mixed Power and Signal (60 x MX150 6 x MX150L), Nylon, Black
|
|
85083-0300
|
59Kb / 1P |
SRC Housing, Male, Hybrid 66 Pin Mixed Power and Signal (60 x MX150 6 x MX150L), Nylon, Black
|
|
85083-2414
|
59Kb / 1P |
SRC Housing, Male, Hybrid 38 Pin Mixed Power and Signal (24 x MX150 14 x MX150L), Nylon, Black
|
 Transko Electronics, In... |
OX-C
|
420Kb / 2P |
OCXO 38 X 38 X 19mm
Rev. 2: Mar. 2015 |