Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

X3C09P2-30S Datasheet (PDF) - Anaren Microwave

X3C09P2-30S Datasheet PDF - Anaren Microwave
No. de pieza X3C09P2-30S
Descarga  X3C09P2-30S Descarga
Tamaño del archivo   650.58 Kbytes
Page   23 Pages
Fabricante Electrónico  ANAREN [Anaren Microwave]
Página de inicio  http://www.anaren.com
Logo ANAREN - Anaren Microwave
Descripción Electrónicos 30 dB Directional Coupler

X3C09P2-30S Datasheet (PDF)

Go To PDF Page Descarga Datasheet
X3C09P2-30S Datasheet PDF - Anaren Microwave

No. de pieza X3C09P2-30S
Descarga  X3C09P2-30S Click to download

Tamaño del archivo   650.58 Kbytes
Page   23 Pages
Fabricante Electrónico  ANAREN [Anaren Microwave]
Página de inicio  http://www.anaren.com
Logo ANAREN - Anaren Microwave
Descripción Electrónicos 30 dB Directional Coupler

X3C09P2-30S Datasheet (HTML) - Anaren Microwave




Número de pieza similar - X3C09P2-30S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Anaren Microwave
X3C09P2-03S ANAREN-X3C09P2-03S Datasheet
2Mb / 26P
Hybrid Coupler 3 dB, 90
X3C09P2-03S ANAREN-X3C09P2-03S Datasheet
2Mb / 26P
Hybrid Coupler
X3C09P2-03S ANAREN-X3C09P2-03S_14 Datasheet
2Mb / 26P
Hybrid Coupler
More results


Descripción similar - X3C09P2-30S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Tyco Electronics
DCG-10-4 MACOM-DCG-10-4 Datasheet
111Kb / 2P
11 dB Directional Coupler 30 - 1000 MHz
logo
Anaren Microwave
XC0900B-30S ANAREN-XC0900B-30S Datasheet
635Kb / 22P
30 dB Directional Coupler
XC2100A-30 ANAREN-XC2100A-30 Datasheet
613Kb / 22P
30 dB Directional Coupler
XC2100B-30S ANAREN-XC2100B-30S Datasheet
651Kb / 22P
30 dB Directional Coupler
X3C26P1-30S ANAREN-X3C26P1-30S Datasheet
671Kb / 22P
30 dB Directional Coupler
logo
API Technologies Corp
C756-7 APITECH-C756-7 Datasheet
165Kb / 3P
DIRECTIONAL COUPLER OCTAVE BAND, 6 to 30 dB
C755-7 APITECH-C755-7 Datasheet
165Kb / 3P
DIRECTIONAL COUPLER OCTAVE BAND, 6 to 30 dB
C754-6 APITECH-C754-6 Datasheet
165Kb / 3P
DIRECTIONAL COUPLER OCTAVE BAND, 6 to 30 dB
logo
Anaren Microwave
X3C19P2-30S ANAREN-X3C19P2-30S Datasheet
697Kb / 22P
30 dB Directional Coupler
X3C26P1-30S ANAREN-X3C26P1-30S_14 Datasheet
671Kb / 23P
30 dB Directional Coupler
More results




Acerca de Anaren Microwave


Anaren Microwave is a company that designs and manufactures high-frequency microwave components and subsystems for the aerospace and defense industries, as well as the wireless communication industry. The company was founded in 1967 and is headquartered in Syracuse, New York.

Anaren Microwave's products include RF amplifiers, filters, couplers, power dividers, and other passive and active microwave components. The company also offers custom-designed microwave subsystems, including signal generators, receivers, and transmitters, that are used in a variety of applications, such as radar systems, satellite communications, and electronic warfare.

Anaren Microwave is known for its advanced technology and manufacturing capabilities, including surface mount technology, microelectronic packaging, and automated testing. The company has a strong focus on research and development, with a team of engineers and scientists working to develop new products and technologies.

In 2018, Anaren Microwave was acquired by TTM Technologies, a leading manufacturer of printed circuit boards and other electronic components. Today, Anaren Microwave operates as a division of TTM Technologies, continuing to provide high-quality microwave components and subsystems to customers around the world.

*Esta información es solo para fines informativos generales, no seremos responsables de ninguna pérdida o daño causado por la información anterior.




Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com