Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

ELH0032G Datasheet (PDF) - Elantec Semiconductor

ELH0032G Datasheet PDF - Elantec Semiconductor
No. de pieza ELH0032G
Descarga  ELH0032G Descarga
Tamaño del archivo   253.86 Kbytes
Page   12 Pages
Fabricante Electrónico  ELANTEC [Elantec Semiconductor]
Página de inicio  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor
Descripción Electrónicos Fast Operational Amplifier

ELH0032G Datasheet (PDF)

Go To PDF Page Descarga Datasheet
ELH0032G Datasheet PDF - Elantec Semiconductor

No. de pieza ELH0032G
Descarga  ELH0032G Click to download

Tamaño del archivo   253.86 Kbytes
Page   12 Pages
Fabricante Electrónico  ELANTEC [Elantec Semiconductor]
Página de inicio  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor
Descripción Electrónicos Fast Operational Amplifier

ELH0032G Datasheet (HTML) - Elantec Semiconductor


ELH0032G Detalles de producto

General Description
The ELH0032 is a high slew rate, high input impedance differential operational amplifier suitable for diverse application in fast signal handling. The high allowable differential input voltage, ease of output clamping, and high output drive capability make the ELH0032 particularly suitable for comparator applications. It may be used in applications normally reserved for video amplifiers allowing the use of operational gain setting and frequency response shaping into the megahertz region.

Features
• 500 V/ms slew rate
• 70 MHz bandwidth
• 1012X input impedance
• 5 mV max. input offset voltage
• FET input
• Offset nulls with single pot
• No compensation required for gains above 50
• Peak output current to 100 mA
• MIL-STD-883 devices 100% manufactured in U.S.A.




Número de pieza similar - ELH0032G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Elantec Semiconductor
ELH0033G ELANTEC-ELH0033G Datasheet
242Kb / 12P
Fast Buffer Amplifier
More results


Descripción similar - ELH0032G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Analog Devices
HOS-050 AD-HOS-050 Datasheet
1Mb / 6P
Fast Settling Video Operational Amplifier
logo
Fairchild Semiconductor
KH200 FAIRCHILD-KH200 Datasheet
361Kb / 5P
Fast Settling, Wideband Operational Amplifier
logo
Intersil Corporation
HA-2540 INTERSIL-HA-2540 Datasheet
518Kb / 7P
400MHz, Fast Settling Operational Amplifier
September 1998
logo
Maxim Integrated Produc...
MX3554 MAXIM-MX3554 Datasheet
241Kb / 6P
Wideband Fast-Settling Operational Amplifier
Rev 1; 9/95
logo
Burr-Brown (TI)
3507J BURR-BROWN-3507J Datasheet
117Kb / 2P
Fast-Slewing OPERATIONAL AMPLIFIER
logo
Intersil Corporation
HA-2540 INTERSIL-HA-2540_03 Datasheet
548Kb / 8P
400MHz, Fast Settling Operational Amplifier
July 2003
logo
Texas Instruments
LM218-Q1 TI1-LM218-Q1 Datasheet
148Kb / 7P
FAST GENERAL-PURPOSE OPERATIONAL AMPLIFIER
LM218-Q1 TI1-LM218-Q1_14 Datasheet
189Kb / 8P
FAST GENERAL-PURPOSE OPERATIONAL AMPLIFIER
logo
Renesas Technology Corp
HA-2540 RENESAS-HA-2540 Datasheet
652Kb / 8P
400MHz, Fast Settling Operational Amplifier
HA-5195 RENESAS-HA-5195 Datasheet
325Kb / 9P
150MHz, Fast Settling Operational Amplifier
November 19, 2004
More results



Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com