Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

AAT1112 Datasheet (PDF) - Skyworks Solutions Inc.

AAT1112 Datasheet PDF - Skyworks Solutions Inc.
No. de pieza AAT1112
Descarga  AAT1112 Descarga
Tamaño del archivo   1150.05 Kbytes
Page   19 Pages
Fabricante Electrónico  SKYWORKS [Skyworks Solutions Inc.]
Página de inicio  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
Descripción Electrónicos 1.5A, 1.4MHz Step-Down Converter

AAT1112 Datasheet (PDF)

Go To PDF Page Descarga Datasheet
AAT1112 Datasheet PDF - Skyworks Solutions Inc.

No. de pieza AAT1112
Descarga  AAT1112 Click to download

Tamaño del archivo   1150.05 Kbytes
Page   19 Pages
Fabricante Electrónico  SKYWORKS [Skyworks Solutions Inc.]
Página de inicio  http://www.skyworksinc.com
Logo SKYWORKS - Skyworks Solutions Inc.
Descripción Electrónicos 1.5A, 1.4MHz Step-Down Converter

AAT1112 Datasheet (HTML) - Skyworks Solutions Inc.


AAT1112 Detalles de producto

General Description
The AAT1112 SwitchReg is a 1.5A step-down converter with an input voltage range of 2.4V to 5.5V and an adjustable output voltage from 0.6V to VIN. The 1.4MHz switching frequency enables the use of small external components. The small footprint and high efficiency make the AAT1112 an ideal choice for portable applications.

Features
• 1.5A Maximum Output Current
• Input Voltage: 2.4V to 5.5V
• Output Voltage: 0.6V to VIN
• Up to 95% Efficiency
• 42μA No Load Quiescent Current
• No External Compensation Required
• 1.4MHz Switching Frequency
• Synchronizable to External Clock
• Optional “PWM Only” Low Noise Mode
• 100% Duty Cycle Low-Dropout Operation
• Internal Soft Start
• Over-Temperature and Current Limit Protection
• <1μA Shutdown Current
• TSOPJW-12 or TDFN33-12 Package
• Temperature Range: -40°C to +85°C

Applications
• Cellular Phones
• Digital Cameras
• Hard Disk Drives
• MP3 Players
• PDAs and Handheld Computers
• Portable Media Players
• USB Devices




Número de pieza similar - AAT1112

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Advanced Analogic Techn...
AAT1112 ANALOGICTECH-AAT1112 Datasheet
838Kb / 20P
1.5A, 1.4MHz Step-Down Converter
AAT1112 ANALOGICTECH-AAT1112 Datasheet
642Kb / 19P
1.5A, 1.4MHz Step-Down Converter
AAT1112ITP-0.6-T1 ANALOGICTECH-AAT1112ITP-0.6-T1 Datasheet
838Kb / 20P
1.5A, 1.4MHz Step-Down Converter
AAT1112ITP-0.6-T1 ANALOGICTECH-AAT1112ITP-0.6-T1 Datasheet
642Kb / 19P
1.5A, 1.4MHz Step-Down Converter
AAT1112IWP-0.6-T1 ANALOGICTECH-AAT1112IWP-0.6-T1 Datasheet
838Kb / 20P
1.5A, 1.4MHz Step-Down Converter
More results


Descripción similar - AAT1112

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Advanced Analogic Techn...
AAT1112 ANALOGICTECH-AAT1112 Datasheet
838Kb / 20P
1.5A, 1.4MHz Step-Down Converter
logo
Monolithic Power System...
EV2364DF-01A MPS-EV2364DF-01A Datasheet
214Kb / 4P
1.5A, 23V, 1.4MHz Dual Step-Down Converter Evaluation Board
MP2351 MPS-MP2351 Datasheet
187Kb / 8P
1.5A, 23V, 1.4MHz Step-Down Converter
MP2364 MPS-MP2364 Datasheet
281Kb / 12P
Dual 1.5A, 23V, 1.4MHz Step-Down Converter
logo
Advanced Analogic Techn...
AAT1112_0711 ANALOGICTECH-AAT1112_0711 Datasheet
642Kb / 19P
1.5A, 1.4MHz Step-Down Converter
logo
Diodes Incorporated
AP5101 DIODES-AP5101 Datasheet
384Kb / 15P
1.5A Step-Down Converter with 1.4MHz Switching Frequency
DS32258 Rev. 1 - 2
logo
Monolithic Power System...
MP28372 MPS-MP28372 Datasheet
274Kb / 12P
Dual 1.5A, 23V, 1.4MHz Step-Down Converter
MP29373 MPS-MP29373 Datasheet
260Kb / 10P
Dual 1.5A, 23V, 1.4MHz Step-Down Converter
logo
SG Micro Corp
SGM6232 SGMICRO-SGM6232 Datasheet
372Kb / 14P
1.4MHz Step-Down Converter
logo
SHOUDING Shouding Semic...
SD6410 SHOUDING-SD6410 Datasheet
1,016Kb / 7P
1.4MHz, 1.5A Synchronous Step-Down Converter
More results



Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com