Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

4N35-500E Datasheet (PDF) - AVAGO TECHNOLOGIES LIMITED

4N35-500E Datasheet PDF - AVAGO TECHNOLOGIES LIMITED
No. de pieza 4N35-500E
Descarga  4N35-500E Descarga
Tamaño del archivo   245.64 Kbytes
Page   7 Pages
Fabricante Electrónico  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Página de inicio  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Descripción Electrónicos Phototransistor Optocoupler General Purpose Type

4N35-500E Datasheet (PDF)

Go To PDF Page Descarga Datasheet
4N35-500E Datasheet PDF - AVAGO TECHNOLOGIES LIMITED

No. de pieza 4N35-500E
Descarga  4N35-500E Click to download

Tamaño del archivo   245.64 Kbytes
Page   7 Pages
Fabricante Electrónico  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Página de inicio  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED
Descripción Electrónicos Phototransistor Optocoupler General Purpose Type

4N35-500E Datasheet (HTML) - AVAGO TECHNOLOGIES LIMITED


4N35-500E Detalles de producto

Description
The 4N35 is an optocoupler for general purpose applications. It contains a light emitting diode optically coupled to a photo-transistor. It is packaged in a 6-pin DIP package and available in wide-lead spacing option and lead bend SMD option. Response time, tr, is typically 3 µs and minimum CTR is 100% at input current of 10 mA.

Features
• High Current Transfer Ratio
   (CTR: min. 100% at IF = 10 mA, VCE = 10 V)
• Response time
   (tr: typ., 3 µs at VCE = 10 V, IC = 2 mA, RL = 100 Ω)
• Input-output isolation voltage
   (Viso = 3550 Vrms)
• Dual-in-line package
• UL approved
• CSA approved
• IEC/EN/DIN EN 60747-5-2 approved
• Options available:         
   – Leads with 0.4" (10.16 mm) spacing (W00)
   – Leads bends for surface mounting (300)
   – Tape and reel for SMD (500)       
   – IEC/EN/DIN EN 60747-5-2 approvals (060)

Applications
• I/O interfaces for computers
• System appliances, measuring instruments
• Signal transmission between circuits of different
   potentials and impedances




Número de pieza similar - 4N35-500E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
AVAGO TECHNOLOGIES LIMI...
4N35-000E AVAGO-4N35-000E Datasheet
245Kb / 7P
Phototransistor Optocoupler General Purpose Type
logo
Inchange Semiconductor ...
4N35-220 ISC-4N35-220 Datasheet
165Kb / 2P
isc N-Channel MOSFET Transistor
logo
AVAGO TECHNOLOGIES LIMI...
4N35-300E AVAGO-4N35-300E Datasheet
245Kb / 7P
Phototransistor Optocoupler General Purpose Type
logo
SYC Electronica
4N35-6 SYC-4N35-6 Datasheet
496Kb / 12P
GENERAL PURPOSE 6-PIN PHOTOTRANSISTOR OPTOCOUPLERS
logo
CT Micro International ...
4N35-G CTMICRO-4N35-G Datasheet
1Mb / 14P
DC Input 6-Pin Phototransistor Optocoupler
More results


Descripción similar - 4N35-500E

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
QT Optoelectronics
MCT2 QT-MCT2 Datasheet
550Kb / 5P
PHOTOTRANSISTOR OPTOCOUPLER
logo
Siemens Semiconductor G...
IL74 SIEMENS-IL74 Datasheet
85Kb / 4P
PHOTOTRANSISTOR OPTOCOUPLER
ILD615 SIEMENS-ILD615 Datasheet
95Kb / 5P
PHOTOTRANSISTOR OPTOCOUPLER
SFH601G-1 SIEMENS-SFH601G-1 Datasheet
157Kb / 4P
PHOTOTRANSISTOR OPTOCOUPLER
logo
AVAGO TECHNOLOGIES LIMI...
4N25 AVAGO-4N25 Datasheet
228Kb / 7P
Phototransistor Optocoupler General Purpose Type
4N35 AVAGO-4N35 Datasheet
245Kb / 7P
Phototransistor Optocoupler General Purpose Type UL approved
4N35-000E AVAGO-4N35-000E Datasheet
245Kb / 7P
Phototransistor Optocoupler General Purpose Type
logo
Fairchild Semiconductor
H11AG1SM FAIRCHILD-H11AG1SM Datasheet
277Kb / 10P
Phototransistor Optocoupler
logo
AVAGO TECHNOLOGIES LIMI...
4N25-300E AVAGO-4N25-300E Datasheet
240Kb / 7P
Phototransistor Optocoupler General Purpose Type
4N35-300E AVAGO-4N35-300E Datasheet
245Kb / 7P
Phototransistor Optocoupler General Purpose Type
More results



Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com