Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

KBP3005G Datasheet (PDF) - WILLAS ELECTRONIC CORP

KBP3005G Datasheet PDF - WILLAS ELECTRONIC CORP
No. de pieza KBP3005G
Descarga  KBP3005G Descarga
Tamaño del archivo   300.07 Kbytes
Page   2 Pages
Fabricante Electrónico  WILLAS [WILLAS ELECTRONIC CORP]
Página de inicio  http://www.willas.com.tw
Logo WILLAS - WILLAS ELECTRONIC CORP
Descripción Electrónicos 3.0 AMP GLASS PASSIVATED BRIDGE RECTIFIER - 50V-100V

KBP3005G Datasheet (PDF)

Go To PDF Page Descarga Datasheet
KBP3005G Datasheet PDF - WILLAS ELECTRONIC CORP

No. de pieza KBP3005G
Descarga  KBP3005G Click to download

Tamaño del archivo   300.07 Kbytes
Page   2 Pages
Fabricante Electrónico  WILLAS [WILLAS ELECTRONIC CORP]
Página de inicio  http://www.willas.com.tw
Logo WILLAS - WILLAS ELECTRONIC CORP
Descripción Electrónicos 3.0 AMP GLASS PASSIVATED BRIDGE RECTIFIER - 50V-100V

KBP3005G Datasheet (HTML) - WILLAS ELECTRONIC CORP


KBP3005G Detalles de producto

FEATURES
* Ideal for printed circuit board
* Surge overload rating: 65 Amperes peak
* Mounting position: Any
* RoHS product for packing code suffix "G"
    Halogen free product for packing code suffix "H"
* Moisture Sensitivity Level 1




Número de pieza similar - KBP3005G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Micro Commercial Compon...
KBP3005G MCC-KBP3005G Datasheet
494Kb / 3P
3 Amp Glass Passivated Bridge Rectifier 50 to 1000 Volts
logo
Diotech Company.
KBP3005G DIOTECH-KBP3005G Datasheet
668Kb / 2P
SINGLE PHASE SILICON BRIDGE RECTIFIER
logo
Gulf Semiconductor
KBP3005G GULFSEMI-KBP3005G Datasheet
91Kb / 2P
SINGLE PHASE GLASS PASSIVATED BRIDGE RECTIFIER Voltage: 50 to 1000V Current:3.0A
logo
SeCoS Halbleitertechnol...
KBP3005G SECOS-KBP3005G Datasheet
730Kb / 2P
Voltage 50V ~ 1000V 3.0Amp Glass Passivited Bridge Rectifiers
logo
Compact Technology Corp...
KBP3005G CTC-KBP3005G Datasheet
140Kb / 2P
GLASS PASSIVATED BRIDGE RECTIFIERS
More results


Descripción similar - KBP3005G

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
B40C1500R ETC1-B40C1500R Datasheet
20Kb / 2P
1.5 Amp. Glass Passivated Bridge Rectifier
FBI8A5M1 ETC1-FBI8A5M1 Datasheet
35Kb / 2P
8 Amp. Glass Passivated Bridge Rectifier
FBI6A5M1 ETC1-FBI6A5M1 Datasheet
35Kb / 2P
6 Amp. Glass Passivated Bridge Rectifier
FBI6A1M1 ETC-FBI6A1M1 Datasheet
37Kb / 2P
6 Amp. Glass Passivated Bridge Rectifier
TL400G ETC2-TL400G Datasheet
127Kb / 4P
4 AMP Glass Passivated Bridge Rectifier
logo
WILLAS ELECTRONIC CORP
KBP301G WILLAS-KBP301G Datasheet
397Kb / 2P
3.0 AMP GLASS PASSIVATED BRIDGE RECTIFIER KBP PACKAGE
KBP2005G WILLAS-KBP2005G Datasheet
240Kb / 2P
2.0 AMP GLASS PASSIVATED BRIDGE RECTIFIER - 50V-1000V
logo
DIYI Electronic Technol...
RDB301S DYELEC-RDB301S_17 Datasheet
2Mb / 3P
SINGLE PHASE 3.0 AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
UDB301S DYELEC-UDB301S_17 Datasheet
2Mb / 3P
SINGLE PHASE 3.0 AMP SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER
logo
Taiwan Semiconductor Co...
TS6P01G-K TSC-TS6P01G-K Datasheet
313Kb / 6P
6A, 50V - 1000V Glass Passivated Bridge Rectifier
More results



Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com