Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

VXO-1S-DSM-6P Datasheet (PDF) - QUARTZCOM the communications company

VXO-1S-DSM-6P Datasheet PDF - QUARTZCOM the communications company
No. de pieza VXO-1S-DSM-6P
Descarga  VXO-1S-DSM-6P Descarga
Tamaño del archivo   119.99 Kbytes
Page   1 Pages
Fabricante Electrónico  QUARTZCOM [QUARTZCOM the communications company]
Página de inicio  http://www.quartzcom.com
Logo QUARTZCOM - QUARTZCOM the communications company
Descripción Electrónicos High frequency SMD VCXO LVDS Output frequency up to 700 MHz

VXO-1S-DSM-6P Datasheet (PDF)

Go To PDF Page Descarga Datasheet
VXO-1S-DSM-6P Datasheet PDF - QUARTZCOM the communications company

No. de pieza VXO-1S-DSM-6P
Descarga  VXO-1S-DSM-6P Click to download

Tamaño del archivo   119.99 Kbytes
Page   1 Pages
Fabricante Electrónico  QUARTZCOM [QUARTZCOM the communications company]
Página de inicio  http://www.quartzcom.com
Logo QUARTZCOM - QUARTZCOM the communications company
Descripción Electrónicos High frequency SMD VCXO LVDS Output frequency up to 700 MHz

VXO-1S-DSM-6P Datasheet (HTML) - QUARTZCOM the communications company




Número de pieza similar - VXO-1S-DSM-6P

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
QUARTZCOM the communica...
VXO-1S-DS-6P QUARTZCOM-VXO-1S-DS-6P Datasheet
118Kb / 1P
SMD VCXO LVDS Output frequency up to 312.5 MHz
More results


Descripción similar - VXO-1S-DSM-6P

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
QUARTZCOM the communica...
PXO-P9-DSM-6P QUARTZCOM-PXO-P9-DSM-6P Datasheet
120Kb / 1P
LVDS SMD Clock Oscillator Multiplier Output frequency up to 700 MHz
VXO-1S-PEM-6P QUARTZCOM-VXO-1S-PEM-6P Datasheet
120Kb / 1P
High frequency SMD VCXO LVPECL Output frequency up to 700 MHz
VXO-1S-DS-6P QUARTZCOM-VXO-1S-DS-6P Datasheet
118Kb / 1P
SMD VCXO LVDS Output frequency up to 312.5 MHz
VXO-P9-PE-6P QUARTZCOM-VXO-P9-PE-6P Datasheet
112Kb / 1P
SMD VCXO LVPECL Output frequency up to 200 MHz
VXO-P9-PEM-6P QUARTZCOM-VXO-P9-PEM-6P Datasheet
106Kb / 1P
SMD VCXO LVPECL Output frequency up to 700 MHz
VXO-P9-PEH-6J QUARTZCOM-VXO-P9-PEH-6J Datasheet
107Kb / 1P
SMD VCXO LVPECL Output frequency up to 800 MHz
VXO-P9-DS-6P QUARTZCOM-VXO-P9-DS-6P Datasheet
229Kb / 1P
SMD VCXO LVDS Output frequency up to 312.5 MHz
VXO-P9-3DSM-6P QUARTZCOM-VXO-P9-3DSM-6P Datasheet
229Kb / 1P
High frequency SMD VCXO LVDS Output frequency up to 700 MHz
VXO-P9-DEH-6J QUARTZCOM-VXO-P9-DEH-6J Datasheet
107Kb / 1P
SMD VCXO LVDS Output frequency up to 800 MHz
VXO-SK-S-4P QUARTZCOM-VXO-SK-S-4P Datasheet
106Kb / 1P
SMD VCXO Sine wave Output frequency up to 400 MHz
More results



Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com