Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

UF3A Datasheet (PDF) - Transys Electronics

UF3A Datasheet PDF - Transys Electronics
No. de pieza UF3A
Descarga  UF3A Descarga
Tamaño del archivo   180.23 Kbytes
Page   2 Pages
Fabricante Electrónico  TRSYS [Transys Electronics]
Página de inicio  http://www.transyselectronics.com
Logo TRSYS - Transys Electronics
Descripción Electrónicos SURFACE MOUNT ULTRAFAST RECTIFIER

UF3A Datasheet (PDF)

Go To PDF Page Descarga Datasheet
UF3A Datasheet PDF - Transys Electronics

No. de pieza UF3A
Descarga  UF3A Click to download

Tamaño del archivo   180.23 Kbytes
Page   2 Pages
Fabricante Electrónico  TRSYS [Transys Electronics]
Página de inicio  http://www.transyselectronics.com
Logo TRSYS - Transys Electronics
Descripción Electrónicos SURFACE MOUNT ULTRAFAST RECTIFIER

UF3A Datasheet (HTML) - Transys Electronics


UF3A Detalles de producto

VOLTAGE - 50 to Volts CURRENT - 3.0 Amperes

FEATURES
• For surface mounted applications
• Low profile package
• Built-in strain relief
• Easy pick and place
• Ultrafast recovery times for high efficiency
• Plastic package has Underwriters Laboratory Flammability Classification 94V-O
• Glass passivated junction
• High temperature soldering: 260°C/10 seconds at terminals




Número de pieza similar - UF3A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Pan Jit International I...
UF3A PANJIT-UF3A Datasheet
75Kb / 2P
SURFACE MOUNT ULTRAFAST RECTIFIER(VOLTAGE - 50 to 800 Volts CURRENT - 3.0 Amperes)
logo
Surge Components
UF3A SURGE-UF3A Datasheet
86Kb / 2P
SURFACE MOUNT ULTRAFAST RECTIFIER VOLTAGE - 50 TO 800 Volts CURRENT - 3.0 Ampere????
logo
Won-Top Electronics
UF3A WTE-UF3A Datasheet
50Kb / 3P
3.0A SURFACE MOUNT ULTRA FAST RECTIFIER
logo
Dc Components
UF3A DCCOM-UF3A Datasheet
522Kb / 2P
TECHNICAL SPECIFICATIONS OF SURFACE MOUNT ULTRA FAST RECTIFIER
logo
Won-Top Electronics
UF3A WTE-UF3A Datasheet
56Kb / 4P
3.0A SURFACE MOUNT GLASS PASSIVATED ULTRAFAST DIODE
More results


Descripción similar - UF3A

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
UH3B VISHAY-UH3B Datasheet
108Kb / 5P
Surface Mount Ultrafast Rectifier
29-May-08
US1A VISHAY-US1A Datasheet
107Kb / 5P
Surface Mount Ultrafast Rectifier
27-Aug-07
logo
Pan Jit International I...
UF3A PANJIT-UF3A_09 Datasheet
113Kb / 3P
SURFACE MOUNT ULTRAFAST RECTIFIER
logo
Vishay Siliconix
UH1PB VISHAY-UH1PB Datasheet
83Kb / 5P
Surface Mount Ultrafast Rectifier
19-Apr-11
US1A VISHAY-US1A_11 Datasheet
85Kb / 5P
Surface Mount Ultrafast Rectifier
19-Apr-11
UH1B VISHAY-UH1B_V01 Datasheet
91Kb / 5P
Surface Mount Ultrafast Rectifier
17-Dec-12
UH3B VISHAY-UH3B_V01 Datasheet
90Kb / 5P
Surface Mount Ultrafast Rectifier
17-Dec-12
US1 VISHAY-US1_V01 Datasheet
1Mb / 5P
Surface-Mount Ultrafast Rectifier
08-Apr-2020
UH2B-M3 VISHAY-UH2B-M3 Datasheet
88Kb / 4P
Surface Mount Ultrafast Rectifier
Revision: 23-Oct-13
UH2B VISHAY-UH2B_V01 Datasheet
91Kb / 5P
Surface Mount Ultrafast Rectifier
22-Mar-12
More results



Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com