|
DESCRIPTION The TriQuint TGA8035 - SCC is a two - stage GaAs monolithic amplifier designed for use as a broadband general-purpose gain block. T wo 300 - µm gate- width FETs provide a 13- dB typical gain and a 5- dB noise figure from 6 to 18- GHz. Typical output power at 1- dB gain compression is 12.5- dBm. Shunt feedback is used around each active device to improve gain flatness and standing- wave ratio (SWR). Ground is provided to the circuitry through vias to the backside metallization. ● 6 to 18-GHz Frequency Range ● 13-dB Typical Gain ● 2.2:1 Typical Input/Output SWR ● 12.5-dBm Typical Output Power at 1-dB Gain Compression ● 5-dB Typical Noise Figure ● 2,4892 x 2,0574 x 0,1143 mm (0.098 x 0.081 x 0.0045 in.)
|