Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

RFP-150-100RCGF-S Datasheet (PDF) - Anaren Microwave

RFP-150-100RCGF-S Datasheet PDF - Anaren Microwave
No. de pieza RFP-150-100RCGF-S
Descarga  RFP-150-100RCGF-S Descarga
Tamaño del archivo   272.15 Kbytes
Page   2 Pages
Fabricante Electrónico  ANAREN [Anaren Microwave]
Página de inicio  http://www.anaren.com
Logo ANAREN - Anaren Microwave
Descripción Electrónicos Flanged Resistor 150 Watts, 100Ohms

RFP-150-100RCGF-S Datasheet (PDF)

Go To PDF Page Descarga Datasheet
RFP-150-100RCGF-S Datasheet PDF - Anaren Microwave

No. de pieza RFP-150-100RCGF-S
Descarga  RFP-150-100RCGF-S Click to download

Tamaño del archivo   272.15 Kbytes
Page   2 Pages
Fabricante Electrónico  ANAREN [Anaren Microwave]
Página de inicio  http://www.anaren.com
Logo ANAREN - Anaren Microwave
Descripción Electrónicos Flanged Resistor 150 Watts, 100Ohms

RFP-150-100RCGF-S Datasheet (HTML) - Anaren Microwave




Número de pieza similar - RFP-150-100RCGF-S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Anaren Microwave
RFP-150-100RCGN-S ANAREN-RFP-150-100RCGN-S Datasheet
241Kb / 2P
Flangeless Resistor 150 Watts, 100Ohms
More results


Descripción similar - RFP-150-100RCGF-S

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Anaren Microwave
RFP-800-100R-S ANAREN-RFP-800-100R-S Datasheet
269Kb / 2P
Flanged Resistor 800 Watts, 100
RFP-50-50RCG-S ANAREN-RFP-50-50RCG-S Datasheet
230Kb / 2P
Flanged Resistor 50 Watts, 50Ohms
RFP-100-100RW-S ANAREN-RFP-100-100RW-S Datasheet
222Kb / 2P
Full Flange Resistor 100 Watts, 100Ohms
RFP-150-100RCGN-S ANAREN-RFP-150-100RCGN-S Datasheet
241Kb / 2P
Flangeless Resistor 150 Watts, 100Ohms
RFP-150-XXXRL-S ANAREN-RFP-150-XXXRL-S Datasheet
224Kb / 2P
Flanged Resistors 150 Watts
RFP-800-50R-S ANAREN-RFP-800-50R-S Datasheet
237Kb / 2P
Flanged Resistor 800 Watts, 50ohm
logo
Vishay Barry
RXXXX-40-13X BARRY-RXXXX-40-13X Datasheet
163Kb / 2P
40W BeO Flanged Resistor
REV.B AUG 28 2014
RXXXX-400-1X BARRY-RXXXX-400-1X Datasheet
171Kb / 2P
400W BeO Flanged Resistor
RAXXXX-30-3X BARRY-RAXXXX-30-3X Datasheet
160Kb / 2P
30W AlN Flanged Resistor
REV.F AUG 27 2014
RXXXX-50-3E BARRY-RXXXX-50-3E Datasheet
166Kb / 2P
50W BeO Flanged Resistor
REV.B AUG 28 2014
More results




Acerca de Anaren Microwave


Anaren Microwave is a company that designs and manufactures high-frequency microwave components and subsystems for the aerospace and defense industries, as well as the wireless communication industry. The company was founded in 1967 and is headquartered in Syracuse, New York.

Anaren Microwave's products include RF amplifiers, filters, couplers, power dividers, and other passive and active microwave components. The company also offers custom-designed microwave subsystems, including signal generators, receivers, and transmitters, that are used in a variety of applications, such as radar systems, satellite communications, and electronic warfare.

Anaren Microwave is known for its advanced technology and manufacturing capabilities, including surface mount technology, microelectronic packaging, and automated testing. The company has a strong focus on research and development, with a team of engineers and scientists working to develop new products and technologies.

In 2018, Anaren Microwave was acquired by TTM Technologies, a leading manufacturer of printed circuit boards and other electronic components. Today, Anaren Microwave operates as a division of TTM Technologies, continuing to provide high-quality microwave components and subsystems to customers around the world.

*Esta información es solo para fines informativos generales, no seremos responsables de ninguna pérdida o daño causado por la información anterior.




Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com