Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

CS95ZU2GA332MAGKA Datasheet (PDF) - TDK Electronics

CS95ZU2GA332MAGKA Datasheet PDF - TDK Electronics
No. de pieza CS95ZU2GA332MAGKA
Descarga  CS95ZU2GA332MAGKA Descarga
Tamaño del archivo   163.85 Kbytes
Page   5 Pages
Fabricante Electrónico  TDK [TDK Electronics]
Página de inicio  http://www.tdk.com
Logo TDK - TDK Electronics
Descripción Electrónicos High voltage ceramic capacitors, automotive grade, safety standard approved

CS95ZU2GA332MAGKA Datasheet (PDF)

Go To PDF Page Descarga Datasheet
CS95ZU2GA332MAGKA Datasheet PDF - TDK Electronics

No. de pieza CS95ZU2GA332MAGKA
Descarga  CS95ZU2GA332MAGKA Click to download

Tamaño del archivo   163.85 Kbytes
Page   5 Pages
Fabricante Electrónico  TDK [TDK Electronics]
Página de inicio  http://www.tdk.com
Logo TDK - TDK Electronics
Descripción Electrónicos High voltage ceramic capacitors, automotive grade, safety standard approved

CS95ZU2GA332MAGKA Datasheet (HTML) - TDK Electronics


CS95ZU2GA332MAGKA Detalles de producto

FEATURES
AEC-Q200 compliant.
1,000 cycles guaranteed under heat shock testing at –55°C to +125°C.
For use in Y capacitor for battery chargers of automobile (EV, PHEV).
Compliant with IEC and the safety standards of various countries.
Withstand voltage is 2,600V AC.
Conform to RoHS directive due to lead(Pb) free of lead-wire and internal solder material.
Compatible with halogen-free external resin coating.
APPLICATION
Y capacitor for automotive battery chargers or air conditioners




Número de pieza similar - CS95ZU2GA332MAGKA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
TDK Electronics
CS95ZU2GA332MYGKA TDK-CS95ZU2GA332MYGKA Datasheet
165Kb / 5P
High voltage ceramic capacitors, commercial grade, safety standard approved
20221226
CS95ZU2GA332MYNKA TDK-CS95ZU2GA332MYNKA Datasheet
165Kb / 5P
High voltage ceramic capacitors, commercial grade, safety standard approved
20221226
CS95ZU2GA332MYVKA TDK-CS95ZU2GA332MYVKA Datasheet
165Kb / 5P
High voltage ceramic capacitors, commercial grade, safety standard approved
20221226
More results


Descripción similar - CS95ZU2GA332MAGKA

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
EMIY1-VY1 VISHAY-EMIY1-VY1 Datasheet
446Kb / 5P
Ceramic Disc Capacitors Safety Standard Approved Disc Capacitors
14-Mar-08
VY1222M47Y5UQ63V0 VISHAY-VY1222M47Y5UQ63V0 Datasheet
133Kb / 6P
Ceramic Disc Capacitors Safety Standard Approved Disc AC Capacitors
15-Oct-09
logo
TDK Electronics
CD12-E2GA222MYNSA TDK-CD12-E2GA222MYNSA Datasheet
73Kb / 3P
Mid-high Voltage Ceramic Capacitors Disk type with lead Safety standard approved
CS11-E2GA222MYNSA TDK-CS11-E2GA222MYNSA Datasheet
93Kb / 4P
Mid-high Voltage Ceramic Capacitors Disk type with lead Safety standard approved
logo
Murata Manufacturing Co...
DEHR33A102KB2B MURATA-DEHR33A102KB2B Datasheet
1Mb / 83P
Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DESD32H472KN7A MURATA-DESD32H472KN7A Datasheet
1Mb / 83P
Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
DE1E3KX332MN5AA01 MURATA-DE1E3KX332MN5AA01 Datasheet
1Mb / 84P
Safety Standard Certified Ceramic Capacitors/ High Voltage Ceramic Capacitors
logo
TDK Electronics
CS11ZU2GA472MAGKA TDK-CS11ZU2GA472MAGKA Datasheet
158Kb / 9P
High Voltage Ceramic Capacitors Automotive Grade, Safety Standard Approved
CS45-B2GA101K-GKA TDK-CS45-B2GA101K-GKA Datasheet
168Kb / 10P
High Voltage Ceramic Capacitors Automotive Grade, Safety Standard Approved
More results




Acerca de TDK Electronics


TDK Electronics es una subsidiaria de TDK Corporation, una compañía de electrónica multinacional con sede en Japón.
TDK Electronics se especializa en el diseño y fabricación de componentes electrónicos como condensadores, inductores y perlas de ferrita para su uso en una amplia gama de aplicaciones que incluyen electrónica de consumo, automóviles y sistemas industriales.
La compañía es conocida por sus productos de alta calidad y sus soluciones innovadoras, y tiene una fuerte reputación en la industria electrónica.

*Esta información es solo para fines informativos generales, no seremos responsables de ninguna pérdida o daño causado por la información anterior.




Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com