Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

HTR20L60CT Datasheet (PDF) - Multicomp Pro

HTR20L60CT Datasheet PDF - Multicomp Pro
No. de pieza HTR20L60CT
Descarga  HTR20L60CT Descarga
Tamaño del archivo   506.12 Kbytes
Page   3 Pages
Fabricante Electrónico  MULTICOMP [Multicomp Pro]
Página de inicio  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Descripción Electrónicos Schottky Barrier Rectifier

HTR20L60CT Datasheet (PDF)

Go To PDF Page Descarga Datasheet
HTR20L60CT Datasheet PDF - Multicomp Pro

No. de pieza HTR20L60CT
Descarga  HTR20L60CT Click to download

Tamaño del archivo   506.12 Kbytes
Page   3 Pages
Fabricante Electrónico  MULTICOMP [Multicomp Pro]
Página de inicio  https://www.multicomp-pro.com/
Logo MULTICOMP - Multicomp Pro
Descripción Electrónicos Schottky Barrier Rectifier

HTR20L60CT Datasheet (HTML) - Multicomp Pro


HTR20L60CT Detalles de producto

[Features]
• Metal of silicon rectifier, majority carrier conduction
• Trench schottky technology
• Low power loss, high efficiency
• High current capability, low VF
• High surge capacity
• Plastic package has UL flammability classification 94V-0
• For use in low voltage, high frequency inverters, free wheeling, switching
power supplies, DC-DC converter, and polarity protection applications
Mechanical Data
Case : TO-220AB
Polarity : As marked on the body
Weight : 0.08ounces, 2.24 grams
Mounting position : Any
Maximum Ratings And Electrical Characteristics
Rating at 25°C ambient temperature unless otherwise specified.
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load, derate current by 20%
Characteristic Symbol Values Unit
Maximum Ratings (Ta = 25 °C unless otherwise noted)
Maximum Recurrent Peak Reverse Voltage Vrrm 60
Maximum RMS Voltage Vrms 42 V
Maximum DC Blocking Voltage Vdc 60
Maximum Average Forward Rectified Current (See Fig.1) 20
I(AV)
Maximum Average Forward Rectified Current (Per Leg) 10
Peak Forward Surge Current
A
8.3ms Single Half Sine-Wave Ifsm 80
Super Imposed on Rated Load
Peak repetitive reverse current at tp = 2μs, 1kHz Irrm 1
Operating Temperature Range Tj -55 to +150
°C
Storage Temperature Range Tstg -55 to +175
Electrical Characteristics (Ta = 25 °C unless otherwise noted)
Parameter / Conditions Symbol Typ Max Unit
Breakdown voltage per diode Vbr 61 (minimun) -
Forward Voltage (Note1) If=5A @Tj=25°C 0.42 0.45
If=5A @Tj=125°C 0.32 0.34 V
Vf
If=10A @Tj=25°C 0.47 0.49
If=10A @Tj=125°C 0.4 0.42
Maximum DC Reverse Current @Tj=25°C 80 μA
Ir
at Rated DC Bolcking Voltage @Tj=125°C 10 mA




Número de pieza similar - HTR20L60CT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Multicomp Pro
HTR20L150CT MULTICOMP-HTR20L150CT Datasheet
509Kb / 3P
Schottky Barrier Rectifier
23/09/19
HTR20L45CT MULTICOMP-HTR20L45CT Datasheet
507Kb / 3P
Schottky Barrier Rectifier
24/09/19
More results


Descripción similar - HTR20L60CT

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Vishay Siliconix
BYS1190 VISHAY-BYS1190 Datasheet
51Kb / 4P
Schottky Barrier Rectifier
24-Jun-98
logo
Shanghai Sunrise Electr...
1N5820 SSE-1N5820 Datasheet
13Kb / 1P
SCHOTTKY BARRIER RECTIFIER
SB820 SSE-SB820 Datasheet
23Kb / 1P
SCHOTTKY BARRIER RECTIFIER
logo
Fairchild Semiconductor
FYP2004DN FAIRCHILD-FYP2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF1010DN FAIRCHILD-FYPF1010DN Datasheet
50Kb / 4P
SCHOTTKY BARRIER RECTIFIER
FYPF2004DN FAIRCHILD-FYPF2004DN Datasheet
46Kb / 4P
SCHOTTKY BARRIER RECTIFIER
logo
Shanghai Lunsure Electr...
SR820 CHENYI-SR820 Datasheet
153Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF1620 CHENYI-SRF1620 Datasheet
138Kb / 2P
SCHOTTKY BARRIER RECTIFIER
SRF735 CHENYI-SRF735 Datasheet
178Kb / 2P
SCHOTTKY BARRIER RECTIFIER
logo
Toshiba Semiconductor
CRS14 TOSHIBA-CRS14 Datasheet
191Kb / 6P
Schottky Barrier Rectifier Schottky Barrier Type
20-Apr-2009
More results



Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com