Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

3062778 Datasheet (PDF) - PHOENIX CONTACT

3062778 Datasheet PDF - PHOENIX CONTACT
No. de pieza 3062778
Descarga  3062778 Descarga
Tamaño del archivo   1362.61 Kbytes
Page   66 Pages
Fabricante Electrónico  PHOENIX [PHOENIX CONTACT]
Página de inicio  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Descripción Electrónicos Power supply unit QUINT4-PS/3AC/24DC/40/IOL

3062778 Datasheet (PDF)

Go To PDF Page Descarga Datasheet
3062778 Datasheet PDF - PHOENIX CONTACT

No. de pieza 3062778
Descarga  3062778 Click to download

Tamaño del archivo   1362.61 Kbytes
Page   66 Pages
Fabricante Electrónico  PHOENIX [PHOENIX CONTACT]
Página de inicio  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT
Descripción Electrónicos Power supply unit QUINT4-PS/3AC/24DC/40/IOL

3062778 Datasheet (HTML) - PHOENIX CONTACT


3062778 Detalles de producto

1 Description
QUINT POWER power supplies with SFB Technology and
preventive function monitoring ensure superior system
availability.
Powerful
– SFB Technology: 6 times the nominal current for 15 ms
– Power reserves:
Static boost of up to 125% (PN) for a sustained period
Dynamic boost of up to 200% (PN) for 5 s
Communicative
– Use in all industrial networks with integrated IO-Link
interface
– System integration with direct connection to the QUINT
UPS or the CAPAROC circuit breaker system
Robust
– Mains buffering ≥ 20 ms
– High degree of electrical immunity, thanks to integrated
gas discharge tube (6 kV)
Preventive
– Comprehensive signaling:
Relay contact, LED bar graph
– Needs-based maintenance and effective replacementpart
procurement with information on the remaining
service life




Número de pieza similar - 3062778

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
PHOENIX CONTACT
3062778 PHOENIX-3062778 Datasheet
509Kb / 39P
QUINT4-PS/3AC/24DC/10
2016-11-29
3062778 PHOENIX-3062778 Datasheet
977Kb / 29P
QUINT4-PS/3AC/24DC/20/IOL - Power supply unit
Aug 21, 2023, 4:31 AM
More results


Descripción similar - 3062778

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
PHOENIX CONTACT
107103 PHOENIX-107103 Datasheet
549Kb / 38P
QUINT4-PS/3AC/24DC/5
2866404 PHOENIX-2866404 Datasheet
86Kb / 6P
Power supply unit - TRIO-PS/3AC/24DC/40
2904621 PHOENIX-2904621 Datasheet
509Kb / 39P
QUINT4-PS/3AC/24DC/10
2904622 PHOENIX-2904622 Datasheet
95Kb / 8P
Power supply unit - QUINT4-PS/3AC/24DC/20
2866734 PHOENIX-2866734 Datasheet
131Kb / 10P
Power supply unit - QUINT-PS/3AC/24DC/ 5
09/12/2020
2904603 PHOENIX-2904603 Datasheet
211Kb / 15P
Power supply unit - QUINT4-PS/1AC/24DC/40
09/12/2020
2904623 PHOENIX-2904623 Datasheet
206Kb / 15P
Power supply unit - QUINT4-PS/3AC/24DC/40
09/12/2020
107104 PHOENIX-107104 Datasheet
509Kb / 39P
QUINT4-PS/3AC/24DC/10
2016-11-29
2904627 PHOENIX-2904627 Datasheet
710Kb / 23P
Power supply unit - QUINT4-PS/3AC/48DC/20
Nov 16, 2022
2904618 PHOENIX-2904618 Datasheet
738Kb / 21P
Power supply unit - QUINT4-PS/1AC/24DC/40/
Nov 16, 2022
More results



Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com