Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

1590ZGRP235BK. Datasheet (PDF) - Hammond Manufacturing Ltd.

1590ZGRP235BK. Datasheet PDF - Hammond Manufacturing Ltd.
No. de pieza 1590ZGRP235BK.
Descarga  1590ZGRP235BK. Descarga
Tamaño del archivo   136.4 Kbytes
Page   2 Pages
Fabricante Electrónico  HAMMOND [Hammond Manufacturing Ltd.]
Página de inicio  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.
Descripción Electrónicos Type 4, 4X Glass Reinforced Polyester Enclosures 1590ZGRPBK Series Watertight, Thick Wall, NEMA 4X, IP66, UL Listed

1590ZGRP235BK. Datasheet (PDF)

Go To PDF Page Descarga Datasheet
1590ZGRP235BK. Datasheet PDF - Hammond Manufacturing Ltd.

No. de pieza 1590ZGRP235BK.
Descarga  1590ZGRP235BK. Click to download

Tamaño del archivo   136.4 Kbytes
Page   2 Pages
Fabricante Electrónico  HAMMOND [Hammond Manufacturing Ltd.]
Página de inicio  http://www.hammondmfg.com
Logo HAMMOND - Hammond Manufacturing Ltd.
Descripción Electrónicos Type 4, 4X Glass Reinforced Polyester Enclosures 1590ZGRPBK Series Watertight, Thick Wall, NEMA 4X, IP66, UL Listed

1590ZGRP235BK. Datasheet (HTML) - Hammond Manufacturing Ltd.


1590ZGRP235BK. Detalles de producto

Key Features:
Molded from a black, glass reinforced polyester. Smooth finish.
Includes gasketed lid with two piece “tongue & groove” construction.
Heavy duty, thick wall design.
North American Mark of Safety - C UL & UL listed. Industrial Control Panel Enclosure
Certified to NEMA 4, 4X standards (UL 508A) - File #E65324 and IP66 Rated
Enclosures have an impact rating of IK09 in conformity with IEC 62208 and IEC 62262.
Lid contains self captivated stainless steel screws.
Gasket is silicone. Heat resistance 100 degrees C, cold -40 degree C.
Easy wall mounting via “through box - blind hole” construction, outside of the gasket
protection (see photos below).
Internal mounting shelf & bonding / mounting nuts molded in (see “open” photos or
drawings for more details).
Optional 16 gauge, galvanized steel inner panels available (see drawings for details and
part number listing below).




Número de pieza similar - 1590ZGRP235BK.

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Hammond Manufacturing L...
1590ZGRP235 HAMMOND-1590ZGRP235 Datasheet
185Kb / 4P
Pole Mount Kit
6/27/2018
1590ZGRP235 HAMMOND-1590ZGRP235 Datasheet
242Kb / 3P
Type 4, 4X Glass Reinforced Polyester Enclosures 1590ZGRP Series Watertight, Thick Wall, NEMA 4X, IP65, UL Listed
1/10/2019
1590ZGRP235 HAMMOND-1590ZGRP235 Datasheet
345Kb / 2P
Type 4, 4X Glass Reinforced Polyester Enclosures 1590ZGRP Series Watertight, Thick Wall, NEMA 4X, IP66, UL Listed
11/18/23, 3:48 PM
More results


Descripción similar - 1590ZGRP235BK.

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
List of Unclassifed Man...
PN-1321 ETC2-PN-1321 Datasheet
108Kb / 1P
NEMA 4X ENCLOSURE
PN-1323 ETC2-PN-1323 Datasheet
105Kb / 1P
NEMA 4X ENCLOSURE
logo
Hammond Manufacturing L...
PHW HAMMOND-PHW Datasheet
126Kb / 2P
Armoire murale en polyester de type 4X
PJPBLC HAMMOND-PJPBLC Datasheet
216Kb / 3P
Bo챤tier pour boutons-poussoirs en polyester de type 4, 4X
logo
List of Unclassifed Man...
AN-1317 ETC2-AN-1317 Datasheet
89Kb / 1P
NEMA 4X ENCLOSURE
logo
Hammond Manufacturing L...
PJWL HAMMOND-PJWL Datasheet
124Kb / 3P
Armoire murale en polyester de type 4X
logo
List of Unclassifed Man...
PN-1336 ETC2-PN-1336 Datasheet
120Kb / 1P
NEMA 4X ENCLSURE
PN-1331 ETC2-PN-1331 Datasheet
92Kb / 1P
NEMA 4X ENCLSURE
logo
Hammond Manufacturing L...
SCGM4 HAMMOND-SCGM4 Datasheet
240Kb / 5P
Watertight - Thick Wall - Diecast Aluminum Enclosures Heavy Duty (1590Z Series)
logo
List of Unclassifed Man...
PN-1338 ETC2-PN-1338 Datasheet
120Kb / 1P
NEMA 4X ENCSURE
More results



Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com