Motor de Búsqueda de Datasheet de Componentes Electrónicos
  Spanish  ▼
ALLDATASHEET.ES

X  

FMWGP1003 Datasheet (PDF) - Infinite Electronics International, Inc.

FMWGP1003 Datasheet PDF - Infinite Electronics International, Inc.
No. de pieza FMWGP1003
Descarga  FMWGP1003 Descarga
Tamaño del archivo   454.5 Kbytes
Page   2 Pages
Fabricante Electrónico  FAIRVIEW [Infinite Electronics International, Inc.]
Página de inicio  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Descripción Electrónicos Aluminum WR-187 Waveguide Pressure Window with CPR187F and CPR187G Flanges

FMWGP1003 Datasheet (PDF)

Go To PDF Page Descarga Datasheet
FMWGP1003 Datasheet PDF - Infinite Electronics International, Inc.

No. de pieza FMWGP1003
Descarga  FMWGP1003 Click to download

Tamaño del archivo   454.5 Kbytes
Page   2 Pages
Fabricante Electrónico  FAIRVIEW [Infinite Electronics International, Inc.]
Página de inicio  https://www.fairviewmicrowave.com/
Logo FAIRVIEW - Infinite Electronics International, Inc.
Descripción Electrónicos Aluminum WR-187 Waveguide Pressure Window with CPR187F and CPR187G Flanges

FMWGP1003 Datasheet (HTML) - Infinite Electronics International, Inc.


FMWGP1003 Detalles de producto

Features
• WR-187 Waveguide
• Operating Frequency Range
• from 3.94 GHz to 5.99 GHz
• CPR187F and CPR187G Flanges
• 1.25:1 Max VSWR
• 2000 Watts (CW) Max
• Power Handling
• Insertion loss: 0.2 dB Max
• Thickness: 0.79 inches
• PTFE window material
• Pressure Handling
• Capability: 29 PSI Max
• Applications:
• Radar Systems
• Military and Space
• Wireless Radio Systems
• Communication Systems
• R&D Labs
• Microwave Radio Systems
• FMWGP1003
• DATA SHEET




Número de pieza similar - FMWGP1003

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Infinite Electronics In...
FMWGP1000 FAIRVIEW-FMWGP1000 Datasheet
457Kb / 2P
Aluminum WR-340 Waveguide Pressure Window with CPR340F and CPR340G Flanges
REV 1.0A
FMWGP1001 FAIRVIEW-FMWGP1001 Datasheet
456Kb / 2P
Aluminum WR-284 Waveguide Pressure Window with CPR284F and CPR284G Flanges
REV 1.0A
FMWGP1002 FAIRVIEW-FMWGP1002 Datasheet
457Kb / 2P
Aluminum WR-229 Waveguide Pressure Window with CPR229F and CPR229G Flanges
REV 1.0A
FMWGP1004 FAIRVIEW-FMWGP1004 Datasheet
455Kb / 2P
Aluminum WR-159 Waveguide Pressure Window with CPR159F and CPR159G Flanges
REV 1.0A
FMWGP1005 FAIRVIEW-FMWGP1005 Datasheet
454Kb / 2P
Brass WR-137 Waveguide Pressure Window with CPR137F and CPR137G Flanges
REV 1.0A
More results


Descripción similar - FMWGP1003

Fabricante ElectrónicoNo. de piezaDatasheetDescripción Electrónicos
logo
Communications & Power ...
VWA1109 CPI-VWA1109 Datasheet
319Kb / 1P
Ka-Band quartz window with integral waveguide extension
VWA1152 CPI-VWA1152 Datasheet
305Kb / 1P
Ka-Band quartz window with integral waveguide extension
VWW1107 CPI-VWW1107 Datasheet
389Kb / 1P
Pressure Window
VWX1100 CPI-VWX1100 Datasheet
295Kb / 1P
Pressure Window
logo
Pasternack Enterprises,...
PE9822 PASTERNACK-PE9822 Datasheet
286Kb / 2P
WR-187 to N Female Waveguide to Coax Adapter 3.95 GHz to 5.85 GHz
PE-W12B002 PASTERNACK-PE-W12B002 Datasheet
343Kb / 2P
WR-12 Instrumentation Grade Waveguide H-Bend with
PE-W51B002 PASTERNACK-PE-W51B002 Datasheet
403Kb / 4P
WR-51 Instrumentation Grade Waveguide H-Bend with
PEWCR1002 PASTERNACK-PEWCR1002 Datasheet
538Kb / 5P
WR-75 Waveguide Circulator
PEWCR1004 PASTERNACK-PEWCR1004 Datasheet
541Kb / 5P
WR-42 Waveguide Circulator
PE-W28SF005-36 PASTERNACK-PE-W28SF005-36_V01 Datasheet
551Kb / 4P
WR-28 Seamless Flexible Waveguide
More results



Enlace URL



¿ALLDATASHEET es útil para Ud.?  [ DONATE ] 

Todo acerca de Alldatasheet   |   Publicidad   |   Contáctenos   |   Política de Privacidad   |   Enlace a la hoja de datos    |   Intercambio de Enlaces   |   Lista de Fabricantes
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com